Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CD4029 Datasheet(PDF) 8 Page - SYC Electronica

Part # CD4029
Description  CMOS Presettable Up/Down Counter
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SYC [SYC Electronica]
Direct Link  https://www.sycelectronica.com.ar/index.php
Logo SYC - SYC Electronica

CD4029 Datasheet(HTML) 8 Page - SYC Electronica

Back Button CD4029 Datasheet HTML 3Page - SYC Electronica CD4029 Datasheet HTML 4Page - SYC Electronica CD4029 Datasheet HTML 5Page - SYC Electronica CD4029 Datasheet HTML 6Page - SYC Electronica CD4029 Datasheet HTML 7Page - SYC Electronica CD4029 Datasheet HTML 8Page - SYC Electronica CD4029 Datasheet HTML 9Page - SYC Electronica CD4029 Datasheet HTML 10Page - SYC Electronica CD4029 Datasheet HTML 11Page - SYC Electronica  
Zoom Inzoom in Zoom Outzoom out
 8 / 11 page
background image
CD4029BMS
Typical Performance Characteristics
FIGURE 2. TYPICAL OUTPUT LOW (SINK) CURRENT
CHARACTERISTICS
FIGURE 3. MINIMUM OUTPUT LOW (SINK) CURRENT
CHARACTERISTICS
FIGURE 4. TYPICAL OUTPUT HIGH (SOURCE) CURRENT
CHARACTERISTICS
FIGURE 5. MINIMUM OUTPUT HIGH (SOURCE) CURRENT
CHARACTERISTICS
FIGURE 6. TYPICAL TRANSITION TIME AS A FUNCTION OF
LOAD CAPACITANCE
FIGURE 7. TYPICAL PROPAGATION DELAY TIME AS A
FUNCTION OF LOAD CAPACITANCE (Q OUTPUT)
10V
5V
AMBIENT TEMPERATURE (TA) = +25
oC
GATE-TO-SOURCE VOLTAGE (VGS) = 15V
0
5
10
15
15
10
5
20
25
30
DRAIN-TO-SOURCE VOLTAGE (VDS) (V)
AMBIENT TEMPERATURE (TA) = +25
oC
GATE-TO-SOURCE VOLTAGE (VGS) = 15V
10V
5V
15
12.5
10
7.5
5
2.5
0
5
10
15
DRAIN-TO-SOURCE VOLTAGE (VDS) (V)
-10V
-15V
AMBIENT TEMPERATURE (TA) = +25
oC
GATE-TO-SOURCE VOLTAGE (VGS) = -5V
0
-5
-10
-15
DRAIN-TO-SOURCE VOLTAGE (VDS) (V)
-20
-25
-30
0
-5
-10
-15
-10V
-15V
AMBIENT TEMPERATURE (TA) = +25
oC
0
-5
-10
-15
DRAIN-TO-SOURCE VOLTAGE (VDS) (V)
0
-5
-10
-15
GATE-TO-SOURCE VOLTAGE (VGS) = -5V
AMBIENT TEMPERATURE (TA) = +25
oC
LOAD CAPACITANCE (CL) (pF)
0
40
60
80
100
20
0
50
100
150
200
SUPPLY VOLTAGE (VDD) = 5V
10V
15V
AMBIENT TEMPERATURE (TA) = +25
oC
10V
15V
SUPPLY VOLTAGE (VDD) = 5V
300
200
100
0
20406080100
LOAD CAPACITANCE (CL) (pF)
www.sycelectronica.com.ar



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com