Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP1763WACPZ-R7 Datasheet(PDF) 16 Page - Analog Devices

Part # ADP1763WACPZ-R7
Description  3 A, Low VIN, Low Noise, CMOS Linear Regulator
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP1763WACPZ-R7 Datasheet(HTML) 16 Page - Analog Devices

Back Button ADP1763WACPZ-R7 Datasheet HTML 12Page - Analog Devices ADP1763WACPZ-R7 Datasheet HTML 13Page - Analog Devices ADP1763WACPZ-R7 Datasheet HTML 14Page - Analog Devices ADP1763WACPZ-R7 Datasheet HTML 15Page - Analog Devices ADP1763WACPZ-R7 Datasheet HTML 16Page - Analog Devices ADP1763WACPZ-R7 Datasheet HTML 17Page - Analog Devices ADP1763WACPZ-R7 Datasheet HTML 18Page - Analog Devices ADP1763WACPZ-R7 Datasheet HTML 19Page - Analog Devices ADP1763WACPZ-R7 Datasheet HTML 20Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 22 page
background image
Data Sheet
ADP1763
APPLICATIONS INFORMATION
analog.com
Rev. E | 16 of 22
The tolerance of the capacitor (TOL) is assumed to be 10%, and
COUT = 10 µF at 1.0 V, as shown in Figure 33.
Substituting these values in Equation 4 yields
CEFF = 10 μF × (1 − 0.15) × (1 − 0.1) = 7.65 μF
Therefore, the capacitor chosen in this example meets the mini-
mum capacitance requirement of the LDO over temperature and
tolerance at the chosen output voltage.
To guarantee the performance of the ADP1763, it is imperative that
the effects of dc bias, temperature, and tolerances on the behavior
of the capacitors be evaluated for each application.
UNDERVOLTAGE LOCKOUT
The ADP1763 has an internal undervoltage lockout circuit that disa-
bles all inputs and the output when the input voltage is less than
approximately 1.06 V. The UVLO ensures that the ADP1763 inputs
and the output behave in a predictable manner during power-up.
CURRENT-LIMIT AND THERMAL OVERLOAD
PROTECTION
The ADP1763 is protected against damage due to excessive power
dissipation by current-limit and thermal overload protection circuits.
The ADP1763 is designed to reach the current limit when the output
load reaches 4 A (typical). When the output load exceeds 4 A, the
output voltage is reduced to maintain a constant current limit.
Thermal overload protection is included, which limits the junction
temperature to a maximum of 150°C (typical). Under extreme
conditions (that is, high ambient temperature and power dissipation)
when the junction temperature begins to rise above 150°C, the
output is turned off, reducing the output current to zero. When
the junction temperature drops below 135°C (typical), the output is
turned on again, and the output current is restored to its nominal
value.
Consider the case where a hard short from VOUT to ground occurs.
At first, the ADP1763 reaches the current limit so that only 4 A
is conducted into the short circuit. If self heating of the junction be-
comes great enough to cause its temperature to rise above 150°C,
thermal shutdown activates, turning off the output and reducing the
output current to zero. As the junction temperature cools and drops
below 135°C, the output turns on and conducts 4 A into the short
circuit, again causing the junction temperature to rise above 150°C.
This thermal oscillation between 135°C and 150°C causes a current
oscillation between 4 A and 0 A that continues as long as the short
circuit remains at the output.
Current-limit and thermal overload protections are intended to pro-
tect the device against accidental overload conditions. For reliable
operation, limit device power dissipation externally so that junction
temperatures do not exceed 125°C.
PARALLELING ADP1763 FOR HIGH CURRENT
APPLICATIONS
In applications where high output current is required while maintain-
ing low noise and high PSRR performance, connect two ADP1763
devices in parallel to handle loads up to 5 A.
When paralleling the ADP1763, the two outputs must be of the
same voltage setting to maintain stable current sharing between
the two LDO regulators. To improve current sharing accuracy, add
identical ballast resistors (RBALLAST) at the output of each regulator,
as shown in Figure 34. Note that large ballast resistors improve
current sharing accuracy but degrade the load regulation perform-
ance and increase the losses along the power line; therefore, it
is recommended to keep the ballast resistors at a minimum. In
addition, tie the VADJ, SS, and REFCAP pins of the LDO regulators
together to minimize error between the two outputs.
Figure 34. Two ADP1763 Devices Connected in Parallel to Achieve Higher Current Output



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com