Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP1763WACPZ-R7 Datasheet(PDF) 17 Page - Analog Devices

Part # ADP1763WACPZ-R7
Description  3 A, Low VIN, Low Noise, CMOS Linear Regulator
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP1763WACPZ-R7 Datasheet(HTML) 17 Page - Analog Devices

Back Button ADP1763WACPZ-R7 Datasheet HTML 13Page - Analog Devices ADP1763WACPZ-R7 Datasheet HTML 14Page - Analog Devices ADP1763WACPZ-R7 Datasheet HTML 15Page - Analog Devices ADP1763WACPZ-R7 Datasheet HTML 16Page - Analog Devices ADP1763WACPZ-R7 Datasheet HTML 17Page - Analog Devices ADP1763WACPZ-R7 Datasheet HTML 18Page - Analog Devices ADP1763WACPZ-R7 Datasheet HTML 19Page - Analog Devices ADP1763WACPZ-R7 Datasheet HTML 20Page - Analog Devices ADP1763WACPZ-R7 Datasheet HTML 21Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 22 page
background image
Data Sheet
ADP1763
APPLICATIONS INFORMATION
analog.com
Rev. E | 17 of 22
Use Equation 5 to calculate the output of the two paralleled
ADP1763 LDOs.
VOUT=2×AD× RADJ×IADJ
(5)
where:
AD is the gain factor with a typical value of 3.0 between the VADJ
pin and the VOUT pin.
IADJ is the 50.0 µA constant current out of the VADJ pin.
THERMAL CONSIDERATIONS
To guarantee reliable operation, the junction temperature of the
ADP1763 must not exceed 125°C. To ensure that the junction
temperature stays below this maximum value, the user needs to
be aware of the parameters that contribute to junction temperature
changes. These parameters include ambient temperature, power
dissipation in the power device, and thermal resistance between the
junction and ambient air (θJA). The θJA value is dependent on the
package assembly compounds used and the amount of copper to
which the GND pin and the exposed pad (EPAD) of the package
are soldered on the PCB. Table 6 shows typical θJA values for the
16-lead LFCSP for various PCB copper sizes. Table 7 shows typical
ΨJB values for the 16-lead LFCSP.
Table 6. Typical θJA Values
Copper Size (mm2)
θJA (°C/W), LFCSP
25
138.1
100
102.9
500
76.9
1000
67.3
6400
56
Table 7. Typical ΨJB Values
Copper Size (mm2)
ΨJB (°C/W) at 1 W
100
33.3
500
28.9
1000
28.5
To calculate the junction temperature of the ADP1763, use the
following equation:
TJ=TA+ PD×θJA
(6)
where:
TA is the ambient temperature.
PD is the power dissipation in the die, given by
PD= VIN−VOUT ×ILOAD + VIN×IGND (7)
where:
VIN and VOUT are the input and output voltages, respectively.
ILOAD is the load current.
IGND is the ground current.
As shown in Equation 6, for a given ambient temperature, and
computed power dissipation, a minimum copper size requirement
exists for the PCB to ensure that the junction temperature does not
rise above 125°C.
Figure 35 through Figure 40 show junction temperature calculations
for different ambient temperatures, load currents, VIN to VOUT differ-
entials, and areas of PCB copper.
Figure 35. 6400 mm2 of PCB Copper, TA = 25°C
Figure 36. 500 mm2 of PCB Copper, TA = 25°C
Figure 37. 25 mm2 of PCB Copper, TA = 25°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com