Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP1763WACPZ-R7 Datasheet(PDF) 19 Page - Analog Devices

Part # ADP1763WACPZ-R7
Description  3 A, Low VIN, Low Noise, CMOS Linear Regulator
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP1763WACPZ-R7 Datasheet(HTML) 19 Page - Analog Devices

Back Button ADP1763WACPZ-R7 Datasheet HTML 14Page - Analog Devices ADP1763WACPZ-R7 Datasheet HTML 15Page - Analog Devices ADP1763WACPZ-R7 Datasheet HTML 16Page - Analog Devices ADP1763WACPZ-R7 Datasheet HTML 17Page - Analog Devices ADP1763WACPZ-R7 Datasheet HTML 18Page - Analog Devices ADP1763WACPZ-R7 Datasheet HTML 19Page - Analog Devices ADP1763WACPZ-R7 Datasheet HTML 20Page - Analog Devices ADP1763WACPZ-R7 Datasheet HTML 21Page - Analog Devices ADP1763WACPZ-R7 Datasheet HTML 22Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 19 / 22 page
background image
Data Sheet
ADP1763
APPLICATIONS INFORMATION
analog.com
Rev. E | 19 of 22
Figure 43. 1000 mm2 of PCB Copper, TB = 25°C
Figure 44. 1000 mm2 of PCB Copper, TB = 50°C, LFCSP
Figure 45. Thermal Image of the ADP1763 Evaluation Board at ILOAD = 3 A,
VIN = 1.5 V, VOUT = 1.3 V, TB = 92°C
Figure 45 shows a thermal image of the ADP1763 evaluation
board operating at a 3 A current load. The total power dissipation
on the ADP1763 is 600 mW, which makes the temperature on
the surface of the device higher by 20°C than the temperature of
the evaluation board.
PCB LAYOUT CONSIDERATIONS
Heat dissipation from the package can be improved by increasing
the amount of copper attached to the pins of ADP1763. However,
as shown in Table 7, a point of diminishing returns is eventually
reached, beyond which an increase in the copper size does not
yield significant heat dissipation benefits.
Use the following recommendations when designing PCBs:
►
Place the input capacitor as close as possible to the VIN and
GND pins.
►
Place the output capacitor as close as possible to the VOUT and
GND pins.
►
Place the soft start capacitor (CSS) as close as possible to the
SS pin.
►
Place the reference capacitor (CREF) and regulator capacitor
(CREG) as close as possible to the REFCAP pin and VREG pin,
respectively.
►
Connect the load as close as possible to the VOUT and SENSE
pins.
Use of 0603 or 0805 size capacitors and resistors achieves the
smallest possible footprint solution on boards where area is limited.
Figure 46. Evaluation Board
Figure 47. Typical Board Layout, Top Side



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com