Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP1763WACPZ-R7 Datasheet(PDF) 22 Page - Analog Devices

Part # ADP1763WACPZ-R7
Description  3 A, Low VIN, Low Noise, CMOS Linear Regulator
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP1763WACPZ-R7 Datasheet(HTML) 22 Page - Analog Devices

Back Button ADP1763WACPZ-R7 Datasheet HTML 14Page - Analog Devices ADP1763WACPZ-R7 Datasheet HTML 15Page - Analog Devices ADP1763WACPZ-R7 Datasheet HTML 16Page - Analog Devices ADP1763WACPZ-R7 Datasheet HTML 17Page - Analog Devices ADP1763WACPZ-R7 Datasheet HTML 18Page - Analog Devices ADP1763WACPZ-R7 Datasheet HTML 19Page - Analog Devices ADP1763WACPZ-R7 Datasheet HTML 20Page - Analog Devices ADP1763WACPZ-R7 Datasheet HTML 21Page - Analog Devices ADP1763WACPZ-R7 Datasheet HTML 22Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 22 / 22 page
background image
Data Sheet
ADP1763
OUTLINE DIMENSIONS
©2016-2022 Analog Devices, Inc. All rights reserved. Trademarks and
registered trademarks are the property of their respective owners.
One Analog Way, Wilmington, MA 01887-2356, U.S.A.
Rev. E | 22 of 22
OUTPUT VOLTAGE OPTIONS
Table 10. Output Voltage Options
Model1, 2
Output Voltage (V)3
ADP1763ACPZ0.95-R7
0.95
ADP1763ACPZ-0.9-R7
0.9
ADP1763ACPZ-1.0-R7
1.0
ADP1763ACPZ-1.1-R7
1.1
ADP1763ACPZ1.25-R7
1.25
ADP1763ACPZ-1.2-R7
1.2
ADP1763ACPZ-1.3-R7
1.3
ADP1763ACPZ-1.5-R7
1.5
ADP1763ACPZ-R7
Adjustable
ADP1763WACPZ0.95-R7
0.95
ADP1763WACPZ-0.9-R7
0.9
ADP1763WACPZ-1.0-R7
1.0
ADP1763WACPZ-1.1-R7
1.1
ADP1763WACPZ1.25-R7
1.25
ADP1763WACPZ-1.2-R7
1.2
ADP1763WACPZ-1.3-R7
1.3
ADP1763WACPZ-1.5-R7
1.5
ADP1763WACPZ-R7
Adjustable
1 Z = RoHS Compliant Part.
2 W = Qualified for Automotive Applications.
3 For additional options, contact a local Analog Devices sales or distribution representative. Additional voltage output options available include the following: 0.5 V, 0.55 V, 0.6
V, 0.65 V, 0.7 V, 0.75 V, 0.8 V, 0.85 V, 1.05 V, 1.15 V, 1.35 V, 1.4 V, or 1.45 V.
EVALUATION BOARDS
Table 11. Evaluation Boards
Model1
Output Voltage (V)
Package Description
ADP1763-1.3-EVALZ
1.3
Evaluation Board
ADP1763-ADJ-EVALZ
1.1
Evaluation Board
1 Z = RoHS compliant.
AUTOMOTIVE PRODUCTS
The ADP1763W models are available with controlled manufacturing to support the quality and reliability requirements of automotive
applications. Note that these automotive models may have specifications that differ from the commercial models; therefore, designers should
review the Specifications section of this data sheet carefully. Only the automotive grade products shown are available for use in automotive
applications. Contact your local Analog Devices account representative for specific product ordering information and to obtain the specific
Automotive Reliability reports for these models.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com