Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IPZA65R025CM8 Datasheet(PDF) 5 Page - Infineon Technologies AG

Part # IPZA65R025CM8
Description  MOSFET 650V CoolMOS™ CM8 Power Transistor
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

IPZA65R025CM8 Datasheet(HTML) 5 Page - Infineon Technologies AG

  IPZA65R025CM8 Datasheet HTML 1Page - Infineon Technologies AG IPZA65R025CM8 Datasheet HTML 2Page - Infineon Technologies AG IPZA65R025CM8 Datasheet HTML 3Page - Infineon Technologies AG IPZA65R025CM8 Datasheet HTML 4Page - Infineon Technologies AG IPZA65R025CM8 Datasheet HTML 5Page - Infineon Technologies AG IPZA65R025CM8 Datasheet HTML 6Page - Infineon Technologies AG IPZA65R025CM8 Datasheet HTML 7Page - Infineon Technologies AG IPZA65R025CM8 Datasheet HTML 8Page - Infineon Technologies AG IPZA65R025CM8 Datasheet HTML 9Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 15 page
background image
650V CoolMOS™ CM8 Power Transistor
IPZA65R025CM8
Public
Datasheet
5
Revision 2.1
https://www.infineon.com
2025‑03‑07
3   Electrical characteristics
at  =25°C, unless otherwise specified
T
Table 4      Static characteristics
Parameter
Symbol
Values
Unit Note / Test condition
Min.
Typ.
Max.
Drain‑source breakdown voltage
V
650
‑
‑
V
V =0V,  =1mA
I
Gate threshold voltage
V
3.7
4.2
4.7
V
V = ,  =1.06mA
V I
Zero gate voltage drain current
I
‑
‑
1.5
μA
V =650V,  =0V,  =25°C
V
T
151
‑
V =650V,  =0V,  =150°C
V
T
Gate‑source leakage current
I
‑
‑
0.1
μA
V =20V,  =0V
V
Drain‑source on‑state resistance
R
‑
0.021 0.025
Ω
V =10V,  =40.0A,  =25°C
I
T
0.046 ‑
V =10V,  =40.0A,  =150°C
I
T
Gate resistance
R
‑
1
‑
Ω
f=1MHz
Table 5      Dynamic characteristics
Parameter
Symbol
Values
Unit Note / Test condition
Min.
Typ.
Max.
Input capacitance
C
‑
5910
‑
pF
V =0V,  =400V,  =250kHz
V
f
Output capacitance
C
66
Effective output capacitance, 
energy related 4)
C
‑
176
‑
pF
V =0V,  =0...400V
V
Effective output capacitance, time 
related 5)
C
‑
1932
‑
pF
I =constant,  =0V,  =0...400V
V
V
Turn‑on delay time
t
‑
28.4
‑
ns V =400V,  =13V,  =21.1A,
V
I
=1.8Ω; see table 9
R
Rise time
t
8.6
Turn‑off delay time
t
121.2
Fall time
t
5.4
    
 is a fixed capacitance that gives the same stored energy as 
 while   is rising from 0 to 400V
4) C
C
V
    
 is a fixed capacitance that gives the same charging time as 
 while   is rising from 0 to 400V
5) C
C
V
j
(BR)DSS
GS
D
(GS)th
DS
GS D
DSS
DS
GS
j
DS
GS
j
GSS
GS
DS
DS(on)
GS
D
j
GS
D
j
G
iss
GS
DS
oss
o(er)
GS
DS
o(tr)
D
GS
DS
d(on)
DD
GS
D
G
r
d(off)
f
o(er)
oss
DS
o(tr)
oss
DS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com