Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IPZA65R025CM8 Datasheet(PDF) 12 Page - Infineon Technologies AG

Part # IPZA65R025CM8
Description  MOSFET 650V CoolMOS™ CM8 Power Transistor
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

IPZA65R025CM8 Datasheet(HTML) 12 Page - Infineon Technologies AG

Back Button IPZA65R025CM8 Datasheet HTML 7Page - Infineon Technologies AG IPZA65R025CM8 Datasheet HTML 8Page - Infineon Technologies AG IPZA65R025CM8 Datasheet HTML 9Page - Infineon Technologies AG IPZA65R025CM8 Datasheet HTML 10Page - Infineon Technologies AG IPZA65R025CM8 Datasheet HTML 11Page - Infineon Technologies AG IPZA65R025CM8 Datasheet HTML 12Page - Infineon Technologies AG IPZA65R025CM8 Datasheet HTML 13Page - Infineon Technologies AG IPZA65R025CM8 Datasheet HTML 14Page - Infineon Technologies AG IPZA65R025CM8 Datasheet HTML 15Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 12 / 15 page
background image
650V CoolMOS™ CM8 Power Transistor
IPZA65R025CM8
Public
Datasheet
12
Revision 2.1
https://www.infineon.com
2025‑03‑07
6   Package outlines
Figure 1   Outline PG‑TO247‑4, dimensions in mm
DIMENSIONS
MIN.
MAX.
MILLIMETERS
PG-TO247-4-U02
PACKAGE - GROUP
NUMBER:
c
D
D1
D2
b1
A
A1
b
A2
0.58
20.90
16.25
1.05
0.65
4.90
2.31
1.10
1.90
0.66
16.85
21.10
1.35
0.79
5.10
2.51
1.30
2.10
A3
b3
b2
D3
D4
0.05
0.25
---
0.20
1.34
1.44
24.97
25.27
4.90
5.10
5.08
Q
E2
E
e
L
N
S
øP
E1
5.60
2.40
15.70
3.50
19.80
13.10
4
6.00
2.60
13.50
3.70
15.90
20.10
øP1
7.00
7.40
2.79
e1
e2
øP2
T
U
2.54
2.40
2.60
6.15
9.80
10.20
6.00
6.40
MIN.
MAX.
DIMENSIONS
MILLIMETERS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com