Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IPZA65R025CM8 Datasheet(PDF) 1 Page - Infineon Technologies AG

Part # IPZA65R025CM8
Description  MOSFET 650V CoolMOS™ CM8 Power Transistor
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

IPZA65R025CM8 Datasheet(HTML) 1 Page - Infineon Technologies AG

  IPZA65R025CM8 Datasheet HTML 1Page - Infineon Technologies AG IPZA65R025CM8 Datasheet HTML 2Page - Infineon Technologies AG IPZA65R025CM8 Datasheet HTML 3Page - Infineon Technologies AG IPZA65R025CM8 Datasheet HTML 4Page - Infineon Technologies AG IPZA65R025CM8 Datasheet HTML 5Page - Infineon Technologies AG IPZA65R025CM8 Datasheet HTML 6Page - Infineon Technologies AG IPZA65R025CM8 Datasheet HTML 7Page - Infineon Technologies AG IPZA65R025CM8 Datasheet HTML 8Page - Infineon Technologies AG IPZA65R025CM8 Datasheet HTML 9Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
1
2
3
4
tab
Datasheet
1
Revision 2.1
https://www.infineon.com
2025‑03‑07
MOSFET
650V CoolMOS™ CM8 Power Transistor
The CoolMOS™ 8th generation platform is a revolutionary technology for 
high voltage power MOSFETs, designed according to the superjunction (SJ) 
principle and pioneered by Infineon Technologies. The 650V CoolMOS™ 
CM8 series is the successor to the 650V CoolMOS™ 7 Family and is 
enhancing Infineon’s WBG offering. It combines the benefits of a fast 
switching SJ MOSFET with excellent ease of use, e.g low ringing tendency, 
implemented fast body diode (CFD) for all products with outstanding 
robustness against hard commutation and excellent ESD capability. 
Furthermore, extremely low switching and conduction losses of CM8, make 
switching applications even more efficient.
Features
Benefits
Potential applications
Product validation
Fully qualified according to JEDEC for Industrial Applications
Please note: For MOSFET paralleling the use of ferrite beads on the gate or 
separate totem poles is generally recommended.
Table 1        Key performance parameters
Parameter
Value
Unit
V  @ T
700
V
R
25
mΩ
Q
124
nC
I
359
A
E  @ 400V
14.1
μJ
Body diode di /dt
1300
A/μs
ESD class (HBM)
2
PG‑TO247‑4
Part number
Package
Marking
Related links
IPZA65R025CM8
PG‑TO247‑4
65R025C8
see Appendix A
Best in class 650V SJ MOSFET performance
• 
Suitable for hard and soft switching topologies thanks to an outstanding 
commutation ruggedness
• 
Integrated fast body diode and ESD protection
• 
.XT interconnection technology for best in class thermal performance
• 
Ease of use and fast design‑in through low ringing tendency and usage 
across PFC and PWM stages
• 
Simplified thermal management due to our advanced die attach 
technique
• 
Increased power density solutions enabled by using products with 
smaller footprint and higher manufacturing quality due state of the art 
ESD protection
• 
Suitable for a wide variety of applications and power ranges
• 
Power supplies and converters 
• 
PFC stages & LLC resonant converters 
• 
High efficiency switching applications 
• 
e.g. Datacenter, AI Server, Telecom Power Supply
• 
DS
j,max
DS(on),max
g,typ
D,pulse
oss
F
 
 
Public
IPZA65R025CM8
Final datasheet
Drain
Pin 1, Tab
Gate
Pin 4
Power
Source
Pin 2
Driver
Source
Pin 3
*1: Internal body diode
*1


Similar Part No. - IPZA65R025CM8

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
IPZA65R029 ISC-IPZA65R029 Datasheet
357Kb / 3P
N-Channel MOSFET Transistor
logo
Infineon Technologies A...
IPZA65R029CFD7 INFINEON-IPZA65R029CFD7 Datasheet
1Mb / 14P
650V CoolMOS짧 CFD7 SJ Power Device
Rev.2.1,2020-08-12
More results

Similar Description - IPZA65R025CM8

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
IPB65R380C6 INFINEON-IPB65R380C6 Datasheet
2Mb / 19P
650V CoolMOS C6 Power Transistor
2010-10-22 revision:2.0
IPW65R080CFD INFINEON-IPW65R080CFD Datasheet
1Mb / 12P
650V CoolMOS CFD Power Transistor
Rev. 2.0, 2011-02-02
IPP65R045C7 INFINEON-IPP65R045C7 Datasheet
1Mb / 15P
650V CoolMOS??C7 Power Transistor
Rev.2.0,2013-04-18
IPW65R019C7 INFINEON-IPW65R019C7 Datasheet
1Mb / 15P
650V CoolMOS??C7 Power Transistor
Rev.2.1
IPZ65R019C7 INFINEON-IPZ65R019C7 Datasheet
1Mb / 15P
650V CoolMOS??C7 Power Transistor
Rev.2.0
IPS65R1K0CE INFINEON-IPS65R1K0CE Datasheet
1Mb / 15P
650V CoolMOS™ CE Power Transistor
Rev. 2.0, 2014-09-25
IPS65R1K5CE INFINEON-IPS65R1K5CE Datasheet
1Mb / 15P
650V CoolMOS™ CE Power Transistor
Rev. 2.0, 2014-09-25
IPL65R1K0C6S INFINEON-IPL65R1K0C6S Datasheet
1Mb / 14P
650V CoolMOS™ C6 Power Transistor
Rev. 2.0, 2014-07-08
IPL65R1K5C6S INFINEON-IPL65R1K5C6S Datasheet
1Mb / 14P
650V CoolMOS™ C6 Power Transistor
Rev. 2.0, 2014-07-08
IPL65R650C6S INFINEON-IPL65R650C6S Datasheet
1Mb / 14P
650V CoolMOS™ C6 Power Transistor
Rev. 2.0, 2014-07-08
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com