Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IPZA65R025CM8 Datasheet(PDF) 15 Page - Infineon Technologies AG

Part # IPZA65R025CM8
Description  MOSFET 650V CoolMOS™ CM8 Power Transistor
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

IPZA65R025CM8 Datasheet(HTML) 15 Page - Infineon Technologies AG

Back Button IPZA65R025CM8 Datasheet HTML 7Page - Infineon Technologies AG IPZA65R025CM8 Datasheet HTML 8Page - Infineon Technologies AG IPZA65R025CM8 Datasheet HTML 9Page - Infineon Technologies AG IPZA65R025CM8 Datasheet HTML 10Page - Infineon Technologies AG IPZA65R025CM8 Datasheet HTML 11Page - Infineon Technologies AG IPZA65R025CM8 Datasheet HTML 12Page - Infineon Technologies AG IPZA65R025CM8 Datasheet HTML 13Page - Infineon Technologies AG IPZA65R025CM8 Datasheet HTML 14Page - Infineon Technologies AG IPZA65R025CM8 Datasheet HTML 15Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 15 / 15 page
background image
650V CoolMOS™ CM8 Power Transistor
IPZA65R025CM8
Public
Datasheet
15
Revision 2.1
https://www.infineon.com
2025‑03‑07
Trademarks
All referenced product or service names and trademarks are the property of their respective owners.
 
We Listen to Your Comments Any information within this document that you feel is wrong, unclear or missing at all? Your feedback will help us to 
continuously improve the quality of this document. Please send your proposal (including a reference to this document) to: 
 
erratum@infineon.com
Published by
Infineon Technologies AG
81726 München, Germany
© 2025 Infineon Technologies AG
All Rights Reserved.
Important notice
The products which may also include samples and may be comprised of hardware or software or both (“Product”) are sold or provided and 
delivered by Infineon Technologies AG and its affiliates (“Infineon”) subject to the terms and conditions of the frame supply contract or other 
written agreement(s) executed by a customer and Infineon or, in the absence of the foregoing, the applicable Sales Conditions of Infineon. 
General terms and conditions of a customer or deviations from applicable Sales Conditions of Infineon shall only be binding for Infineon if and to 
the extent Infineon has given its express written consent.
For the avoidance of doubt, Infineon disclaims all warranties of non‑infringement of third‑party rights and implied warranties such as warranties 
of fitness for a specific use/purpose or merchantability.
Infineon shall not be responsible for any information with respect to samples, the application or customer’s specific use of any Product or for any 
examples or typical values given in this document. 
The data contained in this document is exclusively intended for technically qualified and skilled customer representatives. It is the responsibility 
of the customer to evaluate the suitability of the Product for the intended application and the customer’s specific use and to verify all relevant 
technical data contained in this document in the intended application and the customer’s specific use. The customer is responsible for properly 
designing, programming, and testing the functionality and safety of the intended application, as well as complying with any legal requirements 
related to its use. 
Unless otherwise explicitly approved by Infineon, Products may not be used in any application where a failure of the Product or any consequences 
of the use thereof can reasonably be expected to result in personal injury. However, the foregoing shall not prevent the customer from using any 
Product in such fields of use that Infineon has explicitly designed and sold it for, provided that the overall responsibility for the application lies 
with the customer. 
If the Product includes security features:
Because no computing device can be absolutely secure, and despite security measures implemented in the Product, Infineon does not guarantee 
that the Product will be free from intrusion, data theft or loss, or other breaches (“Security Breaches”), and Infineon shall have no liability arising 
out of any Security Breaches.
If this document includes or references software:
The software is owned by Infineon under the intellectual property laws and treaties of the United States, Germany, and other countries 
worldwide. All rights reserved. Therefore, you may use the software only as provided in the software license agreement accompanying the 
software. If no software license agreement applies, Infineon hereby grants you a personal, non‑exclusive, non‑transferable license (without the 
right to sublicense) under its intellectual property rights in the software (a) for software provided in source code form, to modify and reproduce 
the software solely for use with Infineon hardware products, only internally within your organization, and (b) to distribute the software in binary 
code form externally to end users, solely for use on Infineon hardware products. Any other use, reproduction, modification, translation, or 
compilation of the software is prohibited.
For further information on technology, delivery terms and conditions and prices please contact your nearest Infineon Technologies Office (www.
infineon.com).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com