Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACT4533AB Datasheet(PDF) 1 Page - Qorvo, Inc

Part # ACT4533AB
Description  Wide Input Sensorless CC/CV Step-Down DC/DC Converter
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  QORVO [Qorvo, Inc]
Direct Link  https://www.qorvo.com/
Logo QORVO - Qorvo, Inc

ACT4533AB Datasheet(HTML) 1 Page - Qorvo, Inc

  ACT4533AB Datasheet HTML 1Page - Qorvo, Inc ACT4533AB Datasheet HTML 2Page - Qorvo, Inc ACT4533AB Datasheet HTML 3Page - Qorvo, Inc ACT4533AB Datasheet HTML 4Page - Qorvo, Inc ACT4533AB Datasheet HTML 5Page - Qorvo, Inc ACT4533AB Datasheet HTML 6Page - Qorvo, Inc ACT4533AB Datasheet HTML 7Page - Qorvo, Inc ACT4533AB Datasheet HTML 8Page - Qorvo, Inc ACT4533AB Datasheet HTML 9Page - Qorvo, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 19 page
background image
Classification | PRIVATE
ACT4533A/B
Wide Input Sensorless CC/CV Step-Down DC/DC Converter
Data Sheet Rev. B, January 2025 | Subject to change without notice
1 of 19
www.qorvo.com
© 2025 Qorvo US, Inc. All rights reserved. Qorvo Confidential & Proprietary Information
FEATURES
• 40 V Input Voltage Surge
• 36 V Steady State Operation
• Up to 3.5 A output current
• Output Voltage up to 12 V
• 125 kHz Switching Frequency Eases EMI Design
• 91% Efficiency (VOUT = 5 V@2.4 A at VIN = 12 V)
• Stable with Low-ESR Ceramic Capacitors to Allow
Low-Profile Designs
• Integrated Over Voltage Protection
• Excellent EMI Performance
• Patented ActiveCC Sensorless Constant Current
Control Improves Efficiency and Lowers Cost.
• Resistor Programmable
 Current Limit from 1.5 A to 4.0 A
 Patented Cable Compensation from 0 to 0.25 Ω
• ±7.5% CC Accuracy
 Compensation of Input /Output Voltage Change
 Temperature Compensation
 Independent of inductance and Inductor DCR
• 2% Feedback Voltage Accuracy
• Advanced Feature Set
 Integrated Soft Start
 Thermal Shutdown
 Secondary Cycle-by-Cycle Current Limit
 Protection Against Shorted ISET Pin
• SOP-8EP Package
• QSPICE® Model Available
APPLICATIONS
• Car Charger/ Adaptor
• 24V Industrial Power Supplies
• Rechargeable Portable Device
• CV/CC Regulation DC/DC Converter
GENERAL DESCRIPTION
ACT4533A/B is a wide input voltage, high efficiency
ActiveCC step-down DC/DC converter that operates
in either CV (Constant Output Voltage) mode or
CC (Constant Output Current) mode. ACT4533A/B
provides up to 3.5 A output current at 125 kHz
switching frequency.
ActiveCC is a patented control scheme to achieve high-
accuracy sensorless constant current control. ActiveCC
eliminates the expensive, high accuracy current sense
resistor, making it ideal for CLA applications.
ACT4533A/B integrates adaptive gate drive to
achieve
excellent
EMI
performance
passing
EN55022 Class B EMC standard without adding
additional EMI components while maintaining high
conversion efficiency.
Protection features include cycle-by-cycle current limit,
thermal shutdown, and frequency foldback at short cir-
cuit. The devices are available in a SOP-8EP package
and require very few external devices for operation.
The
only
difference
between
ACT4533A
and
ACT4533B is that Pin 7 provides OVP for ACT4533A
and EN/OVP for ACT4533B.
The ACT4533A/B provides a basic building block for in-
dustrial applications which require a nominal 24V input
voltage bucked down to an intermediate level.


Similar Part No. - ACT4533AB

ManufacturerPart #DatasheetDescription
logo
Active-Semi, Inc
ACT4533A ACTIVE-SEMI-ACT4533A Datasheet
452Kb / 18P
Wide-Input Sensorless CC/CV Step-Down DC/DC Converter
Rev 0, 14-Aug-13
ACT4533AYH-T ACTIVE-SEMI-ACT4533AYH-T Datasheet
452Kb / 18P
Wide-Input Sensorless CC/CV Step-Down DC/DC Converter
Rev 0, 14-Aug-13
ACT4533AYH-T ACTIVE-SEMI-ACT4533AYH-T Datasheet
452Kb / 17P
Wide-Input Sensorless CC/CV Step-Down DC/DC Converter
Rev 0, 14-Aug-13
ACT4533AYH-T ACTIVE-SEMI-ACT4533AYH-T Datasheet
452Kb / 17P
Wide-Input Sensorless CC/CV Step-Down DC/DC Converter
Rev 0, 14-Aug-13
More results

Similar Description - ACT4533AB

ManufacturerPart #DatasheetDescription
logo
Active-Semi, Inc
ACT4513 ACTIVE-SEMI-ACT4513 Datasheet
664Kb / 15P
Wide-Input Sensorless CC/CV Step-Down DC/DC Converter
Rev 6, 29-Jul-11
ACT4514 ACTIVE-SEMI-ACT4514 Datasheet
472Kb / 16P
Wide-Input Sensorless CC/CV Step-Down DC/DC Converter
Rev 1, 21-Jul-11
ACT4513 ACTIVE-SEMI-ACT4513_12 Datasheet
673Kb / 15P
Wide-Input Sensorless CC/CV Step-Down DC/DC Converter
Rev 7, 14-Nov-12
ACT4515 ACTIVE-SEMI-ACT4515_12 Datasheet
463Kb / 16P
Wide-Input Sensorless CC/CV Step-Down DC/DC Converter
Rev 6, 14-Nov-12
ACT4513 ACTIVE-SEMI-ACT4513_14 Datasheet
678Kb / 16P
Wide-Input Sensorless CC/CV Step-Down DC/DC Converter
Rev 7, 14-Nov-12
ACT4515 ACTIVE-SEMI-ACT4515_14 Datasheet
462Kb / 17P
Wide-Input Sensorless CC/CV Step-Down DC/DC Converter
Rev 6, 14-Nov-12
ACT4533 ACTIVE-SEMI-ACT4533 Datasheet
602Kb / 16P
Wide-Input Sensorless CC/CV Step-Down DC/DC Converter
Rev 1, 25-Feb-13
ACT4533A ACTIVE-SEMI-ACT4533A Datasheet
452Kb / 18P
Wide-Input Sensorless CC/CV Step-Down DC/DC Converter
Rev 0, 14-Aug-13
ACT4523A ACTIVE-SEMI-ACT4523A Datasheet
400Kb / 15P
Wide-Input Sensorless CC/CV Step-Down DC/DC Converter
Rev 0, 25-Jul-13
EA4533BYH ACTIVE-SEMI-EA4533BYH Datasheet
452Kb / 17P
Wide-Input Sensorless CC/CV Step-Down DC/DC Converter
Rev 0, 14-Aug-13
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com