Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACT4533AB Datasheet(PDF) 5 Page - Qorvo, Inc

Part # ACT4533AB
Description  Wide Input Sensorless CC/CV Step-Down DC/DC Converter
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  QORVO [Qorvo, Inc]
Direct Link  https://www.qorvo.com/
Logo QORVO - Qorvo, Inc

ACT4533AB Datasheet(HTML) 5 Page - Qorvo, Inc

  ACT4533AB Datasheet HTML 1Page - Qorvo, Inc ACT4533AB Datasheet HTML 2Page - Qorvo, Inc ACT4533AB Datasheet HTML 3Page - Qorvo, Inc ACT4533AB Datasheet HTML 4Page - Qorvo, Inc ACT4533AB Datasheet HTML 5Page - Qorvo, Inc ACT4533AB Datasheet HTML 6Page - Qorvo, Inc ACT4533AB Datasheet HTML 7Page - Qorvo, Inc ACT4533AB Datasheet HTML 8Page - Qorvo, Inc ACT4533AB Datasheet HTML 9Page - Qorvo, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 19 page
background image
Classification | PRIVATE
Data Sheet Rev. B, January 2025 | Subject to change without notice
5 of 19
www.qorvo.com
© 2025 Qorvo US, Inc. All rights reserved. Qorvo Confidential & Proprietary Information
ACT4533A/B
Wide Input Sensorless CC/CV Step-Down DC/DC Converter
FUNCTIONAL BLOCK DIAGRAM FOR ACT4533A
FUNCTIONAL BLOCK DIAGRAM FOR ACT4533B
FUNCTIONAL DESCRIPTION
CV/CC Loop Regulation
As seen in Functional Block Diagram, the ACT4533A/B
is a peak current mode pulse width modulation (PWM)
converter with CC and CV control. The converter
operates as follows:
A switching cycle starts when the rising edge of the
Oscillator clock output causes the High-Side Power
Switch to turn on and the Low-Side Power Switch to turn
off. With the SW side of the inductor now connected to
IN, the inductor current ramps up to store energy in the
magnetic field. The inductor current level is measured
by the Current Sense Amplifier and added to the
Oscillator ramp signal. If the resulting summation is
higher than the COMP voltage, the output of the PWM
Comparator goes high. When this happens or when
Oscillator clock output goes low, the High-Side Power
Switch turns off.
At this point, the SW side of the inductor swings to a
diode voltage below ground, causing the inductor
current to decrease and magnetic energy to be
transferred to output. This state continues until the cycle
starts again. The High-Side Power Switch is driven by
logic using HSB as the positive rail. This pin is charged
to VSW +5 V when the Low-Side Power Switch turns on.
The COMP voltage is the integration of the error be-
tween
FB
input
and
the
internal
0.808
V
reference. If FB is lower than the reference voltage,
COMP tends to go higher to increase current to the
output. Output current will increase until it reaches the
CC limit set by the ISET resistor. At this point, the device
will transition from regulating output voltage to



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com