Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACT4533AB Datasheet(PDF) 12 Page - Qorvo, Inc

Part # ACT4533AB
Description  Wide Input Sensorless CC/CV Step-Down DC/DC Converter
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  QORVO [Qorvo, Inc]
Direct Link  https://www.qorvo.com/
Logo QORVO - Qorvo, Inc

ACT4533AB Datasheet(HTML) 12 Page - Qorvo, Inc

Back Button ACT4533AB Datasheet HTML 8Page - Qorvo, Inc ACT4533AB Datasheet HTML 9Page - Qorvo, Inc ACT4533AB Datasheet HTML 10Page - Qorvo, Inc ACT4533AB Datasheet HTML 11Page - Qorvo, Inc ACT4533AB Datasheet HTML 12Page - Qorvo, Inc ACT4533AB Datasheet HTML 13Page - Qorvo, Inc ACT4533AB Datasheet HTML 14Page - Qorvo, Inc ACT4533AB Datasheet HTML 15Page - Qorvo, Inc ACT4533AB Datasheet HTML 16Page - Qorvo, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 19 page
background image
Classification | PRIVATE
Data Sheet Rev. B, January 2025 | Subject to change without notice
12 of 19
www.qorvo.com
© 2025 Qorvo US, Inc. All rights reserved. Qorvo Confidential & Proprietary Information
ACT4533A/B
Wide Input Sensorless CC/CV Step-Down DC/DC Converter
Figure 10: Typical Application Circuit for 5 V/2.4 A Car Charger with OVP and Short Circuit Protection
Table 3:
BOM List for 2.4 A Car Charger
ITEM
REFERENCE
DESCRIPTION
MANUFACTURER
QTY
1
U1
IC, ACT4533BYH, SOP-8EP
Active-Semi
1
2
C1
Capacitor, Electrolytic, 47 µF/50 V, 6.3 x 7 mm
Murata, TDK
1
3
C2
Capacitor, Ceramic, 10 µF/50 V, 1206, SMD
Murata, TDK
1
4
C3
Capacitor, Ceramic, 2.2 nF/6.3 V, 0603, SMD
Murata, TDK
1
5
C4
Capacitor, Ceramic, 22 nF/50 V, 1206, SMD
Murata, TDK
1
6
C5
Capacitor, Ceramic, 1 nF/10 V, 0603, SMD
Murata, TDK
1
7
C6
Capacitor, Ceramic, 10 µF/10 V, 0603, SMD
Murata, TDK
1
8
C7
Capacitor, Electrolytic, 220 µF/10 V, 6.3 х 7 mm
Murata, TDK
1
9
C8
Capacitor, Electrolytic, 2.2 µF/50 V, 6.3 х 7 mm
Murata, TDK
1
10
L1
Inductor, 40 µH, 5 A, 20%, SMD
Tyco Electronics
1
11
D1
Diode, Schottky, 40 V/5 A, SK54BL
Diodes
1
12
R1
Chip Resistor, 7.87 kΩ, 0603, 1%
Murata, TDK
1
13
R2
Chip Resistor, 51 kΩ, 0603, 1%
Murata, TDK
1
14
R3
Chip Resistor, 15 kΩ, 0603, 5%
Murata, TDK
1
15
R4
Chip Resistor, 9.76 kΩ, 0603, 1%
Murata, TDK
1
16
R5
Chip Resistor, 150 kΩ, 0603, 1%
Murata, TDK
1
17
R6
Chip Resistor, 68 kΩ, 0603, 1%
Murata, TDK
1
18
R7
Chip Resistor, 47 kΩ, 0603, 5%
Murata, TDK
1
19
R8
Chip Resistor, 2.2 kΩ, 0603, 5%
Murata, TDK
1
20
R9
Chip Resistor, 820 Ω, 0603, 5%
Murata, TDK
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com