Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACT4533AB Datasheet(PDF) 2 Page - Qorvo, Inc

Part # ACT4533AB
Description  Wide Input Sensorless CC/CV Step-Down DC/DC Converter
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  QORVO [Qorvo, Inc]
Direct Link  https://www.qorvo.com/
Logo QORVO - Qorvo, Inc

ACT4533AB Datasheet(HTML) 2 Page - Qorvo, Inc

  ACT4533AB Datasheet HTML 1Page - Qorvo, Inc ACT4533AB Datasheet HTML 2Page - Qorvo, Inc ACT4533AB Datasheet HTML 3Page - Qorvo, Inc ACT4533AB Datasheet HTML 4Page - Qorvo, Inc ACT4533AB Datasheet HTML 5Page - Qorvo, Inc ACT4533AB Datasheet HTML 6Page - Qorvo, Inc ACT4533AB Datasheet HTML 7Page - Qorvo, Inc ACT4533AB Datasheet HTML 8Page - Qorvo, Inc ACT4533AB Datasheet HTML 9Page - Qorvo, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 19 page
background image
Classification | PRIVATE
Data Sheet Rev. B, January 2025 | Subject to change without notice
2 of 19
www.qorvo.com
© 2025 Qorvo US, Inc. All rights reserved. Qorvo Confidential & Proprietary Information
ACT4533A/B
Wide Input Sensorless CC/CV Step-Down DC/DC Converter
ORDERING INFORMATION
PART NUMBER
OPERATION AMBIENT
TEMPERATURE RANGE
OVP/EN PIN
PACKAGE
PINS
PACKING
ACT4533AYH-T
-40 °C to 85 °C
OVP
SOP-8EP
8
TAPE & REEL
ACT4533BYH-T
-40 °C to 85 °C
OVP/EN
SOP-8EP
8
TAPE & REEL
PIN CONFIGURATION
PIN DESCRIPTIONS
PIN
NAME
DESCRIPTION
1
HSB
High Side Bias Pin. This provides power to the internal high-side MOSFET gate driver. Connect a
22 nF capacitor from HSB pin to SW pin.
2
IN
Power Supply Input. Bypass this pin with a 10 µF ceramic capacitor to GND, placed as close to the
IC as possible.
3
SW
Power Switching Output to External Inductor.
4
GND
Ground. Connect this pin to a large PCB copper area for best heat dissipation. Return FB, COMP, and
ISET to this GND, and connect this GND to power GND at a single point for best noise immunity.
5
FB
Feedback Input. The voltage at this pin is regulated to 0.808 V. Connect to the resistor divider between
output and GND to set the output voltage.
6
COMP
Error Amplifier Output. This pin is used to compensate the converter.
7
EN/OVP
ACT4533A: OVP input. If the voltage at this pin exceeds 0.8 V, the IC shuts down the high-side switch.
There is a 4 µA pull-up current at this pin.
ACT4533B: EN/OVP input. If the voltage at this pin is below 0.65 V, the IC remains shut-off, if the
Voltage at this pin exceeds 2.26 V, the IC shuts down high side switch. There is a 4 µA pull-up current
at this pin.
8
ISET
Output Current Setting Pin. Connect a resistor from ISET to GND to program the output current.
Exposed Pad Heat Dissipation Pad. Connect this exposed pad to a large ground copper area with copper and vias.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com