Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACT5101 Datasheet(PDF) 20 Page - Qorvo, Inc

Part # ACT5101
Description  23V Buck-Boost Converter with Integrated MOSFETs
PDF  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  QORVO [Qorvo, Inc]
Direct Link  https://www.qorvo.com/
Logo QORVO - Qorvo, Inc

ACT5101 Datasheet(HTML) 20 Page - Qorvo, Inc

Back Button ACT5101 Datasheet HTML 16Page - Qorvo, Inc ACT5101 Datasheet HTML 17Page - Qorvo, Inc ACT5101 Datasheet HTML 18Page - Qorvo, Inc ACT5101 Datasheet HTML 19Page - Qorvo, Inc ACT5101 Datasheet HTML 20Page - Qorvo, Inc ACT5101 Datasheet HTML 21Page - Qorvo, Inc ACT5101 Datasheet HTML 22Page - Qorvo, Inc ACT5101 Datasheet HTML 23Page - Qorvo, Inc ACT5101 Datasheet HTML 24Page - Qorvo, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 59 page
background image
Data Sheet Rev. E, November 2019 | Subject to change without notice
20 of 59
www.qorvo.com
© 2020 Qorvo US, Inc. All rights reserved.
ACT510x
23V Buck-Boost Converter with Integrated MOSFETs
period, it will not clear the nIRQ output. This
fault is detected in HIZ and POWER ON Modes.
3.
Over Temperature Shut Down - Any time the
die temperature exceeds the TSHUT (160°C)
threshold, nIRQ is asserted. This is a level sen-
sitive function. The die temperature must be
below the TSHUT_HYST AND a 1 must be written
into nIRQ_CLEAR to deassert nIRQ. Die TSD
is active in all modes.
4.
FET Overcurrent Fault – If the IC is disabled
from switching because of a FET overcurrent
fault, nIRQ is asserted. This is a level sensitive
function. This fault is latched, so the latch must
cleared by manually going into HIZ Mode AND
a 1 must be written into nIRQ_CLEAR to
deassert nIRQ.
5.
ADC Data Ready – If the ADC is enabled, and
a conversion is completed, nIRQ is asserted.
This is an edge triggered event. A 1 must be
written into nIRQ_CLEAR to deassert nIRQ.
This is active in all modes when the ADC is
enabled.
6.
HIZ Enter – The ACT510x asserts nIRQ when
it enters HIZ mode. This is an edge triggered
event. 1 must be written into nIRQ_CLEAR to
deassert nIRQ. The IC asserts nIRQ when
entering HIZ mode to signal a fault or other
condition that might have caused the IC to jump
out POWER ON mode un-expectantly.
7.
I2C Fault – If an I2C command takes more than
100ms between the start bit and the stop bit,
nIRQ is asserted. This is an edge triggered
event. The I2C state machine clears out any
partial data, resets, and waits for another start
bit for another I2C command. The state
machine clears and restarts the 100ms timer
when it receives the next start bit.
8.
VIN Above VVIN_OV (23.5V) - If VIN is above
VVIN_OV (23.5V), nIRQ is asserted. This is a level
triggered event.
1 must
be written into
nIRQ_CLEAR to deassert nIRQ. This fault is
detected in both the HIZ state and the POWER
ON state.
9.
VIN UV Fault – If the input voltage at the VINS
pin is below the VIN_UV_OFFSET threshold,
nIRQ is asserted. This is a level triggered event.
VIN must be in the valid range AND 1 must be
written into nIRQ_CLEAR to deassert nIRQ.
10. Light Load Disable State - Any time the IC
enters the LL_DIS state, nIRQ is asserted. This
is an edge triggered event. A 1 must be written
into nIRQ_CLEAR to deassert nIRQ. The IC
does not need to exit the LL_DIS state to
de-assert nIRQ.
11. Hiccup Mode / Vout Fault State - Any time the
IC enters the HICCUP state, nIRQ is asserted.
This is an edge triggered event. A 1 must be
written into nIRQ_CLEAR to deassert nIRQ.
Die Thermal Regulation
The
ACT510x
monitors
the
internal
junction
temperature, TJ, to avoid overheating When TJ exceeds
the maximum thermal regulation limit set by I2C bits
TREG [1:0], the IC reduces the output current to lower
the die temperature. It effectively reduces the output
current limit value. If the load current is not reduced, the
output voltage will drop and generate an undervoltage
fault. The maximum operating junction temperature is
programmable to 80ºC, 100ºC, or 120ºC to allow the
user to optimize their system thermal performance. This
function can be disabled by setting TREG[1:0] = 00.
HIZ Mode
The ACT510x HIZ mode is a low power state where the
buck-boost converter is disabled. The LDO can be
enabled or disabled by I2C bit VREG_EN in register
0x01h. The IC always starts up in HIZ mode before
going to POWER ON mode. If the IC is not enabled, it
stays in the HIZ state indefinitely.
The IC enters HIZ mode from POWER ON mode when
the converter is disabled or if a 1 is written into I2C bit
HIZ in register 0x00h.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com