Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACT5101 Datasheet(PDF) 22 Page - Qorvo, Inc

Part # ACT5101
Description  23V Buck-Boost Converter with Integrated MOSFETs
PDF  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  QORVO [Qorvo, Inc]
Direct Link  https://www.qorvo.com/
Logo QORVO - Qorvo, Inc

ACT5101 Datasheet(HTML) 22 Page - Qorvo, Inc

Back Button ACT5101 Datasheet HTML 18Page - Qorvo, Inc ACT5101 Datasheet HTML 19Page - Qorvo, Inc ACT5101 Datasheet HTML 20Page - Qorvo, Inc ACT5101 Datasheet HTML 21Page - Qorvo, Inc ACT5101 Datasheet HTML 22Page - Qorvo, Inc ACT5101 Datasheet HTML 23Page - Qorvo, Inc ACT5101 Datasheet HTML 24Page - Qorvo, Inc ACT5101 Datasheet HTML 25Page - Qorvo, Inc ACT5101 Datasheet HTML 26Page - Qorvo, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 59 page
background image
Data Sheet Rev. E, November 2019 | Subject to change without notice
22 of 59
www.qorvo.com
© 2020 Qorvo US, Inc. All rights reserved.
ACT510x
23V Buck-Boost Converter with Integrated MOSFETs
Output Voltage Setting
The output voltage is programmable between 2.96V
and 23.42V in 20mV steps via by I2C bits VOUT[9:0] in
registers 0x13h and 0x14h.
= 2.96 + 20 ∗
[9:0]
Where VOUT[9:0] is the decimal equivalent of the value
in
this
register.
For
example,
if
VOUT[9:0]
=
0111000100b (452 decimal), the output voltage = 2.96V
+ 0.02V * 452 = 12.00V.
When changing from one output voltage to another, the
slew rate is programmable between 1V/ms and 0.1V/ms
by I2C bits OUTPUT_SLEW[1:0] in register 0x10h. This
allows the output to conform to QC2.0/QC3.0/USB PD/
USB PD + PPS functions for higher output voltages.
The input voltage must always stay above the minimum
allowable input voltage. This voltage is defined by reg-
isters VIN_UV_OFFSET in register 0x1Ah and VIN_UV
in register 0x0Fh. The minimum allowable input voltage
is the VIN_UV_OFFSET voltage minus the VIN_UV
voltage. If the input voltage drops below this value, the
IC turns off the output and goes to the RST state.
Active Discharge
When changing the output voltage to a higher level, the
switcher ramps the output voltage by the programmed
slew rate. When the output voltage is programmed from
a higher to a lower voltage, the voltage drops at a rate
determined by the output capacitance and the load
current. To minimize the fall time in no-load conditions,
the ACT510x can provide a 70mA sink when the output
is transitioning to a lower output voltage. Enable this
feature by writing 1 into I2C bit PULLDOWN_RAMP.
The 70mA load turns on until the output voltage goes
into regulation.
Enable Delay
Once the IC has the valid conditions for startup, the
Enable Delay timer is enabled. The timer options allow
a 0ms to 1s delay. The startup delay is controlled by the
I2C bits EN_DLY[1:0]
Soft Start
After the Enable Delay has completed, the IC starts the
output using a soft start function programmable by the
I2C bits SOFT_START in register 0x0Eh. The softstart
time is independent of the output voltage setting.
Setting Maximum Output Current
The maximum output current, IOUT_MAX, is set by a
combination of a current sense resistor, an OLIM
resistor, and a scaling factor defined by I2C bits CC[6:0]
in register 0x17h. The maximum allowable output
current is 5A. Figure 9 shows the hardware circuitry that
sets IOLIM. IOLIM is the maximum output current set by
hardware. The actual output current limit, IOUT, can be
scaled from 1% to 100% of IOLIM in 1% steps. The
following equation defines the final maximum output
current.
I _ = I
∗ CC[6:0]
Where IOLIM is the hardware programmed output current
limit and CC[6:0] is the scaling factor. CC[6:0] is the
decimal equivalent value in this register. For example,
if IOLIM, is programmed to 4A and CC[6:0] = 1001011b
(75% decimal), the final maximum output current = 4A *
0.75 = 3A.
Note that CC[6:0] is a 7 bit register and can be
programmed between 0x00h and 0x7Fh (0% and
127%). If a value of 0x00h is written to the register, the
register retains 0x00h, but the IC sets the maximum
output current to 1%. If a value above 0x64h (100%) is
written to the register, the IC retains the written value,
but sets the maximum output current to 100%.
To Output
RCS_OUT
ROLIM
ROSRN
ROSRP
COSR
OSRN
OSRP
VOUT
OLIM
RCS_COMP
CCS_COMP
Figure 9: Output Current Limit Circuitry
The current sense resistor and OLIM resistor set the
IOLIM current.
!"#
= 1000
%
&
' !"# ∗ '()_
Where ROLIM is the resistor from the OLIM pin to AGND
in ohms and RCS_OUT is the current sense resistor value
in ohms. The term 1000V^2/A is a constant with the
units volts^2/Ampere.
The current sense resistor, RCS_OUT, value should be
chosen to give a maximum current sense voltage



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com