Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACT5101 Datasheet(PDF) 40 Page - Qorvo, Inc

Part # ACT5101
Description  23V Buck-Boost Converter with Integrated MOSFETs
PDF  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  QORVO [Qorvo, Inc]
Direct Link  https://www.qorvo.com/
Logo QORVO - Qorvo, Inc

ACT5101 Datasheet(HTML) 40 Page - Qorvo, Inc

Back Button ACT5101 Datasheet HTML 36Page - Qorvo, Inc ACT5101 Datasheet HTML 37Page - Qorvo, Inc ACT5101 Datasheet HTML 38Page - Qorvo, Inc ACT5101 Datasheet HTML 39Page - Qorvo, Inc ACT5101 Datasheet HTML 40Page - Qorvo, Inc ACT5101 Datasheet HTML 41Page - Qorvo, Inc ACT5101 Datasheet HTML 42Page - Qorvo, Inc ACT5101 Datasheet HTML 43Page - Qorvo, Inc ACT5101 Datasheet HTML 44Page - Qorvo, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 59 page
background image
Data Sheet Rev. E, November 2019 | Subject to change without notice
40 of 59
www.qorvo.com
© 2020 Qorvo US, Inc. All rights reserved.
ACT510x
23V Buck-Boost Converter with Integrated MOSFETs
REG 0x01: Main Control 2 (R/W) (NVM)
Bit
Name
Default
Value
Description
Comment
7
RFU
1
Reserved for future use. Do not change.
6
DIS_SHUTDOWN
0
0: Enable
1: Disable
If set to 0, the device will be disabled if FET cycle by
cycle current limit is detected for 8 (or 16) continuous
cycles. Uses the FET_LIMIT register setting for the
FET current limit.
5
RFU
1
Reserved for future use. Do not change.
4
FET_ILIMIT
1
0: 8.5A
1: 10A
This is the peak cycle-by-cycle current limit setting
for ALL FETS in any operating mode:
RFU
0
Reserved for future use. Do not change.
2
VREG_EN
1
0: Turn OFF VREG
1: Turn ON VREG
Control VREG on/off
Default is on.
1
WATCHDOG[1]
0
00: Disable timer
01: 80s
10: 160s
11: 320s
I2C Watchdog Timer Setting
Watchdog timer is always disabled and reset to 0 in
HIZ Mode.
When Disabled, Watchdog timer is also reset to 0.
0
WATCHDOG[0]
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com