Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACT5101 Datasheet(PDF) 3 Page - Qorvo, Inc

Part # ACT5101
Description  23V Buck-Boost Converter with Integrated MOSFETs
PDF  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  QORVO [Qorvo, Inc]
Direct Link  https://www.qorvo.com/
Logo QORVO - Qorvo, Inc

ACT5101 Datasheet(HTML) 3 Page - Qorvo, Inc

  ACT5101 Datasheet HTML 1Page - Qorvo, Inc ACT5101 Datasheet HTML 2Page - Qorvo, Inc ACT5101 Datasheet HTML 3Page - Qorvo, Inc ACT5101 Datasheet HTML 4Page - Qorvo, Inc ACT5101 Datasheet HTML 5Page - Qorvo, Inc ACT5101 Datasheet HTML 6Page - Qorvo, Inc ACT5101 Datasheet HTML 7Page - Qorvo, Inc ACT5101 Datasheet HTML 8Page - Qorvo, Inc ACT5101 Datasheet HTML 9Page - Qorvo, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 59 page
background image
Data Sheet Rev. E, November 2019 | Subject to change without notice
3 of 59
www.qorvo.com
© 2020 Qorvo US, Inc. All rights reserved.
ACT510x
23V Buck-Boost Converter with Integrated MOSFETs
ORDERING INFORMATION
PART
NUMBER
FEEDBACK
DEFAULT
OUTPUT
VOLTAGE
DEFAULT
LDO
VOLTAGE
FSW
ADC
CONVERTER
I2C
ADDRESS
PACKAGE
ACT5101QI102-T
Internal
5.1V
5.0V
500kHz
Yes
0x24h
FCQFN4x4-32
ACT5101QI103-T
Internal
5.1V
5.0V
500kHz
Yes
0x66h
FCQFN4x4-32
ACT5102QI102-T
External
n/a
5.0V
500kHz
No
0x24h
FCQFN4x4-32
ACT51 01QIxxx-T
CMI Option
Pin Count
Package Code
Product Number
Tape and Reel
Note 1: Standard product options are identified in this table. Contact factory for custom options, minimum order quantity required.
Note 2: All Active-Semi components are RoHS Compliant and with Pb-free plating unless specified differently. The term Pb-free means semiconductor
products that are in compliance with current RoHS (Restriction of Hazardous Substances) standards.
Note 3: Package Code designator “Q” represents QFN
Note 4: Pin Count designator “I” represents 32 pins
Note 5: See the CMI Options section at the back of the datasheet for more information on each CMI’s settings.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com