Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DS716PLUSII Datasheet(PDF) 3 Page - Synology Inc.

Part # DS716PLUSII
Description  DiskStation DS716II
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SYNOLOGY [Synology Inc.]
Direct Link  https://www.synology.com/ko-kr
Logo SYNOLOGY - Synology Inc.

DS716PLUSII Datasheet(HTML) 3 Page - Synology Inc.

  DS716PLUSII Datasheet HTML 1Page - Synology Inc. DS716PLUSII Datasheet HTML 2Page - Synology Inc. DS716PLUSII Datasheet HTML 3Page - Synology Inc. DS716PLUSII Datasheet HTML 4Page - Synology Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Technical Specifications
Hardware
CPU
Intel Celeron N3160 quad-core 1.6GHz, burst up to 2.24GHz
Floating point unit
Yes
Hardware encryption engine
Yes (AES-NI)
Hardware transcoding engine
Supported codec: H.264 (AVC), H.265 (HEVC), MPEG-2 and VC-1; maximum resolution: 4K (4096 x 2160); maximum frame rate per second (FPS): 30
RAM size
DDR3 2GB
Compatible drive type
3.5”/2.5” SATA III/II x 2 (hard drives not included)
Maximum internal raw capacity
20TB (10TB HDD x 2) (actual capacity dependent on volume types)
External ports
USB 3.0 port x 3, eSATA port x 1
Size (HxWxD)
157 mm x 103.5 mm x 232 mm
Weight
1.75 kg
LAN
Gigabit (RJ-45) x 2
Wireless support
Yes (wireless dongles not included)
Wake on LAN/WAN
Yes
Scheduled power on/off
Yes
AC input power voltage
100V to 240V
Power frequency
50Hz to 60Hz, single phase
Operating temperature
5°C to 40°C (40°F to 104°F)
Storage temperature
-20°C to 60°C (-5°F to 140°F)
Relative humidity
5% to 95% RH
General
Networking protocols
CIFS, AFP, NFS, FTP, WebDAV, CalDAV, iSCSI, Telnet, SSH, SNMP, VPN (PPTP, OpenVPN™ , L2TP)
File system
Internal: Btrfs, ext4
External: Btrfs, ext4, ext3, FAT, NTFS, HFS+
Storage management
Maximum single volume size: 108TB, Maximum internal volume: 512, Maximum iSCSI Target: 32, Maximum iSCSI LUN: 256,
iSCSI LUN clone/snapshot support; SSD read/write cache support
Supported RAID type
Synology Hybrid RAID (SHR), Basic, JBOD, RAID 0, RAID 1; with Synology Expansion Unit DX513/DX213: RAID 5, RAID 6, RAID 10
File sharing capability
Maximum user account: 2048, Maximum group: 256, Maximum shared folder: 512,
Maximum concurrent CIFS/AFP/FTP/File Station connection: 512
Privilege
Windows Access Control List (ACL)
Directory service
Windows AD Integration: Domain Users login via Samba (CIFS)/AFP/FTP/File Station, LDAP integration
Virtualization
VMware vSphere 5, Microsoft Hyper-V, Citrix ready
Security
FTP over SSL/TLS, IP auto-block, firewall, encrypted network backup over Rsync, HTTPS connection
Connections & Buttons
1
LED indicator
2
USB copy button
3
USB 3.0 port
4
Power button
5
Tray lock
6
Drive tray
7
Gigabit (RJ-45) LAN port
8
Power port
9
Reset button
10
Kensington Security Slot
11
USB 3.0 port
12
eSATA port
1
2
3
4
6
5
9
8
7
11
12
10



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com