Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DS716PLUSII Datasheet(PDF) 1 Page - Synology Inc.

Part # DS716PLUSII
Description  DiskStation DS716II
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SYNOLOGY [Synology Inc.]
Direct Link  https://www.synology.com/ko-kr
Logo SYNOLOGY - Synology Inc.

DS716PLUSII Datasheet(HTML) 1 Page - Synology Inc.

  DS716PLUSII Datasheet HTML 1Page - Synology Inc. DS716PLUSII Datasheet HTML 2Page - Synology Inc. DS716PLUSII Datasheet HTML 3Page - Synology Inc. DS716PLUSII Datasheet HTML 4Page - Synology Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
DiskStation DS716+II
Compact Storage Server with Outstanding Performance
Synology DiskStation DS716+II is designed for small offices pursuing a compact yet powerful
shared storage solution, featuring an Intel® Celeron® quad-core CPU, built-in
AES-NI hardware encryption engine, 2GB DDR3 RAM, and storage scalability up to 7
drives with Synology Expansion Unit DX5132. With Link Aggregation enabled, DS716+II
delivers up to an average 226.1 MB/s reading and 141.19 MB/s writing speed under RAID 1
configuration in a Windows® environment, and an encrypted data transmission at over 226.09
MB/s reading and 138.04 MB/s writing.1
DS716+II comes with 3 USB 3.0 ports both on the front and rear panel, providing fast and
convenient data transfer and backup to external storage devices. Dual Gigabit LAN with
failover support and hot-swappable drive tray design ensure continual service uptime during
drive replacement or unexpected LAN failure. High Availability Manager ensures seamless
transition between clustered servers in the event of server failure with minimal impact to
applications to decrease the risk of unexpected interruptions and costly downtime.
Btrfs: Next Generation Storage Efficiency
DS716+II introduces the Btrfs file system, bringing the most advanced storage technologies
to meet the management needs of modern businesses:
● Built-in data integrity check detects data and file system corruption with data and
meta-data checksums and improve overall stability.
● Flexible Shared Folder/User Quota System provides comprehensive quota control on
all user accounts and shared folders.
● Advanced snapshot technology with customizable backup schedule allows up to 1024
copies of shared folder backups in a minimum 5-minute interval without occupying
huge storage capacity and system resources.
● File or folder level data restoration brings huge convenience and saves time for users
who wish to restore only a specific single file or folder.
● Cloud Station with file versioning reduces down to half of storage consumption when
compared with the Ext4 file system.
●
Quad-core CPU with AES-NI
hardware encryption engine
●
Encryption performance at over
226.09 MB/s reading, 138.04 MB/s
writing1
●
Scale up to 7 drives with Synology
DX5132
●
Advanced snapshot technology
for data protection
●
Introduced Btrfs file system with
built-in data integrity check
●
Single H.264/H.265 4K or triple Full
HD video transcoding on the fly3
●
Dual 1GbE LAN with failover and
Link Aggregation support
●
A versatile storage server for
small offices
Highlights
Fulfill your needs for safe data storage and ultra high definition video sharing with
Synology DiskStation DS716+II. Compact yet powerful, DS716+II features an Intel® quad-core CPU
with AES-NI hardware encryption engine and 2GB RAM, providing outstanding performance and
data encryption acceleration along with real-time transcoding of 4K Ultra HD source content.
Synology DiskStation DS716+II is backed with Synology’s 3-year limited warranty.


Similar Part No. - DS716PLUSII

ManufacturerPart #DatasheetDescription
logo
Synology Inc.
DS716PLUS SYNOLOGY-DS716PLUS Datasheet
643Kb / 4P
DiskStation DS716
More results

Similar Description - DS716PLUSII

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MC141627 MOTOROLA-MC141627 Datasheet
153Kb / 16P
ADVANCED PAL COMB FILTER-II(APCF-II)
logo
Littelfuse
0252.062M- LITTELFUSE-0252.062M- Datasheet
178Kb / 1P
PICO II
0252.250M- LITTELFUSE-0252.250M- Datasheet
178Kb / 1P
PICO II
0252.500M- LITTELFUSE-0252.500M- Datasheet
178Kb / 1P
PICO II
logo
GSI Technology
GS8672D19BGE-333I GSI-GS8672D19BGE-333I Datasheet
483Kb / 28P
72Mb SigmaQuadTM-II 72Mb SigmaQuadTM-II
GS81302D38AGD-633 GSI-GS81302D38AGD-633 Datasheet
446Kb / 26P
144Mb SigmaQuad-II 144Mb SigmaQuad-II
GS82582D38GE-400 GSI-GS82582D38GE-400 Datasheet
453Kb / 27P
288Mb SigmaQuad-II 288Mb SigmaQuad-II
GS8342Q10BGD-200 GSI-GS8342Q10BGD-200 Datasheet
502Kb / 28P
36Mb SigmaQuad-II 36Mb SigmaQuad-II
GS8672D38BGE-400 GSI-GS8672D38BGE-400 Datasheet
483Kb / 30P
72Mb SigmaQuad-IITM72Mb SigmaQuad-IITM
logo
Lapp.
UDB221803 LAPP-UDB221803 Datasheet
106Kb / 2P
ÖLFLEX® TRAY II & TRAY II CY
January 1, 2019
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com