Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DS716PLUSII Datasheet(PDF) 4 Page - Synology Inc.

Part # DS716PLUSII
Description  DiskStation DS716II
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SYNOLOGY [Synology Inc.]
Direct Link  https://www.synology.com/ko-kr
Logo SYNOLOGY - Synology Inc.

DS716PLUSII Datasheet(HTML) 4 Page - Synology Inc.

  DS716PLUSII Datasheet HTML 1Page - Synology Inc. DS716PLUSII Datasheet HTML 2Page - Synology Inc. DS716PLUSII Datasheet HTML 3Page - Synology Inc. DS716PLUSII Datasheet HTML 4Page - Synology Inc.  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
Utilities
Synology Web Assistant, Cloud Station Drive, Cloud Station Backup, Cloud Sync Decryption Tool, Evidence Integrity Authenticator, Photo Station Uploader,
Snapshot Manager for VMware, Snapshot Manager for Windows, NFS Plug-in for VMware VAAI
Supported clients
Windows 7 onwards and Mac OS X® 10.10 onwards
Supported browsers
Chrome™, Firefox®, Internet Explorer® 8 onwards, Safari® 7 onwards, Safari (iOS® 7 onwards on iPad®), Chrome (Android 4.0 onwards on tablets)
Language
English, Deutsch, Français, Italiano, Español, Dansk, Norsk, Svensk, Nederlands,
, Polski, Magyar,
Português do Brasil, Português Europeu, Türkçe, Český,
Applications
File Station
Virtual drive, remote folder, Windows ACL editor, compress/extract archived files, bandwidth control for specific users or groups, create sharing links, transfer
logs
Backup solutions
Network backup; local backup; desktop backup; configuration backup; OS X Time Machine; backup data to public cloud;
shared folder sync - maximum task number: 8
FTP Server
Bandwidth control for TCP connections, custom FTP passive port range, anonymous FTP, FTP SSL/TLS and SFTP protocols, boot over the network with TFTP
and PXE support, transfer logs
High Availability Manager
Combines two DS716+II into one high-availability cluster
Printer Server
Maximum printer: 2, printing protocols: LPR, CIFS, IPP, iOS printing, Google Cloud Print™, multi functional print server (MFP functions are for Windows PC
only)
Security Advisor
Malware detection/removal, user account/password, network, system-related security scan
iOS/Android™ applications
DS cloud, DS file, DS finder, DS cam, DS note, DS audio, DS download, DS photo, DS video
Windows Phone® applications
DS file, DS finder, DS audio, DS download, DS photo, DS video
Add-on Packages
Antivirus Essential
Full system scan, scheduled scan, white list customization, virus definition auto update
Cloud Station Server
Maximum concurrent file transfers: 512, retain historical and deleted file versions
Cloud Sync
One or two-way synchronization with public cloud storage providers including Amazon Cloud Drive, Amazon S3-compatible storage, Baiduyun, Box,
Dropbox, Google Cloud Storage, Google Drive, hubiC, Megafon Disk, Microsoft OneDrive, OpenStack Swift-compatible storage, WebDAV servers, Yandex Disk
DLNA/UPnP® Media Server
DLNA certified, PS3®/PS4®/Xbox 360®/Xbox One® support
Download Station
Supported download protocols: BT/HTTP/FTP/NZB/eMule
Maximum concurrent download task: 80
Log Center
SSL connection, log rotation: 6 months, 1 year, 2 years, 3 years, email notification
MailPlus
Intuitive webmail interface for MailPlus Server; customizable mail labels, filters and user interface
MailPlus Server
Secure, reliable, and private mail server solution with High-availability, load balancing, security and filtering design
(Including free MailPlus licenses for 5 mail accounts. Procurement of additional licenses is required.)
Note Station
Rich-text note organization with versioning, encryption, sharing, media embedding and attachments
Storage Analyzer
Volume and quota usage, total size of files, volume usage and trends based on past usage, size of shared folders, largest/most/least frequently modified files
Surveillance Station
Maximum IP camera: 40 (total of 1200 FPS at 720p, H.264)
(Including two free camera licenses. Procurement of additional licenses is required.)
VPN Server
Maximum connections: 20; supported VPN protocols: PPTP, OpenVPN™, L2TP
Web Station
Virtual host (up to 30 websites), PHP/MariaDB®, 3rd-party applications support
Other packages
Photo Station, Audio Station, iTunes® Server, 3rd-party packages
Environment and Packaging
Environment
RoHS Compliant
Package content
DS716+II main unit, Welcome note, accessory pack, AC power adapter, RJ-45 LAN cable x 2
Optional accessories
Camera License Pack, VS360HD, Synology Expansion Unit DX513/DX213
Warranty
3 Years
*Model specifications are subject to change without notice. Please refer to www.synology.com for the latest information.
1. Performance figures may vary depending on environment, usage and configuration.
2. DS716+II supports one Synology Expansion Unit DX513/DX213, sold separately.
3. DS716+II can transcode 4K video to 1080p or lower. The concurrent channels of Full HD video transcoding may vary depending on the video codec, resolution, bitrate and FPS.
SYNOLOGY INC.
Synology is dedicated to taking full advantage of the latest technologies to bring businesses and home users reliable and affordable ways to centralize data storage, simplify data
backup, share and sync files across different platforms, and access data on-the-go. Synology aims to deliver products with forward-thinking features and the best in class customer
services.
Copyright© 2016, Synology Inc. All rights reserved. Synology, the Synology logo are trademarks or registered trademarks of Synology Inc. Other product and company names
mentioned herein may be trademarks of their respective companies. Synology may make changes to specification and product descriptions at anytime, without notice. Printed in
Taiwan.
DS716+II-2016-ENU-REV002
Headquarters
Synology Inc. 3F-3, No. 106, Chang An W. Rd., Taipei, Taiwan Tel: +886 2 2552 1814 Fax: +886 2 2552 1824
China
Synology Shanghai
20070, Room 516, No. 638
Hengfeng Rd., Zhabei Dist.
Shanghai, China
United Kingdom
Synology UK Ltd.
Unit C, Denbigh West Business Park
Third Avenue, Bletchley
Milton Keynes, MK1 1DH, UK
Tel: +44 1908 366380
Germany
Synology GmbH
Grafenberger Allee 125
40237 Düsseldorf
Deutschland
Tel: +49 211 9666 9666
North & South America
Synology America Corp.
3535 Factoria Blvd SE #200
Bellevue, WA 98006, USA
Tel: +1 425 818 1587
France
Synology France SARL
39 rue Louis Blanc
92400 Courbevoie, France
Tel: +33 147 176288



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com