Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DS716PLUSII Datasheet(PDF) 2 Page - Synology Inc.

Part # DS716PLUSII
Description  DiskStation DS716II
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SYNOLOGY [Synology Inc.]
Direct Link  https://www.synology.com/ko-kr
Logo SYNOLOGY - Synology Inc.

DS716PLUSII Datasheet(HTML) 2 Page - Synology Inc.

  DS716PLUSII Datasheet HTML 1Page - Synology Inc. DS716PLUSII Datasheet HTML 2Page - Synology Inc. DS716PLUSII Datasheet HTML 3Page - Synology Inc. DS716PLUSII Datasheet HTML 4Page - Synology Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Comprehensive Business Applications
Powered by the innovative Synology DiskStation Manager (DSM), DS716+II comes fully-
equipped with business applications and features:
● Easy integration with existing business network environments through Windows® AD
and LDAP directory services without recreating user accounts.
● Windows ACL support provides fine-grained access control and efficient privilege
settings, allowing DS716+II to fit seamlessly into current infrastructure.
● Complete backup applications protect information assets by regularly backing up files
and iSCSI LUNs locally and remotely.
4K Ultra HD Multimedia Bank
Synology DiskStation DS716+II features real-time H.264/H.265 1-channel 4K Ultra HD
or 3-channel Full HD3 video transcoding, bringing more complete support to the latest
multimedia file formats and contents and allowing easy file sharing across Windows, Mac®,
and Linux® platforms. With Video Station, you can organize personal digital video library
with comprehensive media information, watch 4K Ultra HD movies and films, or record TV
programs with a DVB-T/DVB-S stick. Photo Station’s intuitive design allows you to effortlessly
organize photos into customized categories, smart albums and blog posts, and link them to
social networking websites within a few clicks. Audio Station comes with Internet radio and
lossless audio formats support and provides music playback via DLNA, AirPlay®, and Bluetooth
devices (a Bluetooth dongle is required).
Virtualization Ready
With iSCSI support in DSM, DS716+II provides seamless storage solutions for virtualization
environments, including VMware®, Citrix®, and Hyper-V®. With VMware vSphere 5 and VAAI
integration, DS716+II helps offload specific storage operations and optimizes computation
power for unparalleled performance and efficiency in VMware environments. It is the ideal
alternative to SAN solution for businesses. Affordable and cost-effective, iSCSI allows SMB
users to consolidate storage into data center storage arrays while providing hosts with the
illusion of locally-attached disks.
Energy Efficient and Easy Management Design
Synology DS716+II is designed and developed with energy efficiency in mind. Compared
with the average storage server counterparts, DS716+II consumes only 19.14W in regular
operation. The support of Wake on LAN/WAN and scheduled power on and off can further
reduce power consumption and operation cost. HDD hibernation can be configured to take
effect automatically when the system has been inactive for a specified period of time. This not
only saves energy but also extends the lifespan of the hard disks.
All Synology products are produced with RoHS compliant parts and packed with recyclable
packing materials. Synology acknowledges the responsibility as a global citizen to continually
work to reduce the environmental impact of every product produced.
Flexible Scalability
DS716+II can expand its capacity on-the-fly
and enlarge volumes across its expansion
unit for storage or backup.
Next Generation Storage Efficiency
The Btrfs file system brings storage
management to the next level by
providing more efficient storage utilization,
scheduled shared folder snapshot, and
file/folder-level data restoration.
1
2
3
4
5
6
7
…14
1
2
3
4
5
1
1
2
3



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com