Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DS723PLUS Datasheet(PDF) 5 Page - Synology Inc.

Part # DS723PLUS
Description  DiskStation DS723
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SYNOLOGY [Synology Inc.]
Direct Link  https://www.synology.com/ko-kr
Logo SYNOLOGY - Synology Inc.

DS723PLUS Datasheet(HTML) 5 Page - Synology Inc.

  DS723PLUS Datasheet HTML 1Page - Synology Inc. DS723PLUS Datasheet HTML 2Page - Synology Inc. DS723PLUS Datasheet HTML 3Page - Synology Inc. DS723PLUS Datasheet HTML 4Page - Synology Inc. DS723PLUS Datasheet HTML 5Page - Synology Inc. DS723PLUS Datasheet HTML 6Page - Synology Inc. DS723PLUS Datasheet HTML 7Page - Synology Inc. DS723PLUS Datasheet HTML 8Page - Synology Inc.  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
DATASHEET | DiskStation DS723+
Technical Specifications
Technical Specifications
Hardware
CPU
AMD Ryzen™ R1600 dual-core (4-thread), max. boost clock up to 3.1 GHz
Hardware encryption engine
AES-NI
Memory
2 GB DDR4 ECC SODIMM (expandable up to 32 GB)
Compatible drive types
• 2 x 3.5" or 2.5" SATA HDD/SSD (drives not included)
• 2 x M.2 2280 NVMe SSD (drives not included)
• Synology only guarantees full functionality, reliability, and performance for Synology drives listed on the compatibility list6
Hot swappable drives
Yes
External ports
• 1 x USB 3.2 Gen 1 ports
• 1 x Expansion port (eSATA)
Form factor
Desktop
Size (HxWxD)
166 x 106 x 223 mm
Weight
1.51 kg
LAN ports
2 x 1GbE RJ-45
Wake on LAN/WAN
Yes
Network expansion
Supports E10G22-T1-Mini 10GbE RJ-45 Network Upgrade Module2
Scheduled power on/off
Yes
System fans
1 x (92 x 92 x 25 mm)
AC input power voltage
100 V to 240 V AC
Power frequency
50/60 Hz, single phase
Operating environment
• Temperature: 0°C to 40°C (32°F to 104°F)
• Relative humidity: 8% to 80% RH
Storage environment
• Temperature: -20°C to 60°C (-5°F to 140°F)
• Relative humidity: 5% to 95% RH
Maximum operating altitude
5,000 m (16,400 ft)
1
Drive Trays
2
Drive Tray Locks
3
Status Indicator
4
Drive Status Indicators
5
USB 3.2 Gen 1 Port
6
Power Button and Indicator
7
Fan
8
1GbE RJ-45 Ports
9
Reset Button
10 Expansion Port
11 Power Port
12 Kensington Security Slot
13
Network Upgrade Slot
14
M.2 NVMe SSD Slots
Hardware Overview
Hardware Overview
Front
Rear
Bottom



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com