Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DS723PLUS Datasheet(PDF) 2 Page - Synology Inc.

Part # DS723PLUS
Description  DiskStation DS723
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SYNOLOGY [Synology Inc.]
Direct Link  https://www.synology.com/ko-kr
Logo SYNOLOGY - Synology Inc.

DS723PLUS Datasheet(HTML) 2 Page - Synology Inc.

  DS723PLUS Datasheet HTML 1Page - Synology Inc. DS723PLUS Datasheet HTML 2Page - Synology Inc. DS723PLUS Datasheet HTML 3Page - Synology Inc. DS723PLUS Datasheet HTML 4Page - Synology Inc. DS723PLUS Datasheet HTML 5Page - Synology Inc. DS723PLUS Datasheet HTML 6Page - Synology Inc. DS723PLUS Datasheet HTML 7Page - Synology Inc. DS723PLUS Datasheet HTML 8Page - Synology Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
DATASHEET | DiskStation DS723+
Versatile Storage for Any Purpose
Versatile Storage for Any Purpose
The DS723+ comes out of the box with intuitive and comprehensive file
management, media organization, and backup options, making it ideal
for IT enthusiasts, creative professionals, and business owners looking
for a very compact, but powerful storage system.
• Up to
465 MB/s sequential read and 228 MB/s sequential write
performance1 enables fast file sharing, syncing, streaming, and backup
for multiple users
• Supports 2 x 3.5” or 2.5” SATA HDD/SSD,6
expandable to 7 drives with
one Synology
DX517 expansion unit3
• Up to 32 GB DDR4 ECC memory offers protection against potential
crashes and inadvertent changes in data through automatic correction
of data errors
• Two Gigabit RJ-45 ports can be bonded using Link Aggregation to
provide automatic
network failover and load balancing
• Maximize return on investment by upgrading your storage platform as
more demanding needs arise with two built-in
M.2 NVMe SSD slots7
and an optional
10GbE RJ-45 Network Upgrade Module2
Built for Data Protection and Integrity
Built for Data Protection and Integrity
Safeguard your critical data with the
powerful storage management
features of Synology DSM, built on the advanced Btrfs file system.
• Advanced snapshot technology provides schedulable and
near-instantaneous data protection for shared folders and LUNs
• File and folder-level data restoration enables recovery of specific files
or folders
• Flexible storage quota system helps admins manage available space
by specifying storage limits for shared folders
• File self-healing detects and recovers corrupted files using mirrored
metadata and RAID configurations
• Inline compression minimizes storage consumption and extends the
life of drives by compressing data before it is written to the storage
pool
Next-Generation File System
Btrfs is a modern file system designed to safeguard
data integrity through metadata mirroring, file self-
healing, and fast snapshot replication.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com