Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DS723PLUS Datasheet(PDF) 7 Page - Synology Inc.

Part # DS723PLUS
Description  DiskStation DS723
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SYNOLOGY [Synology Inc.]
Direct Link  https://www.synology.com/ko-kr
Logo SYNOLOGY - Synology Inc.

DS723PLUS Datasheet(HTML) 7 Page - Synology Inc.

  DS723PLUS Datasheet HTML 1Page - Synology Inc. DS723PLUS Datasheet HTML 2Page - Synology Inc. DS723PLUS Datasheet HTML 3Page - Synology Inc. DS723PLUS Datasheet HTML 4Page - Synology Inc. DS723PLUS Datasheet HTML 5Page - Synology Inc. DS723PLUS Datasheet HTML 6Page - Synology Inc. DS723PLUS Datasheet HTML 7Page - Synology Inc. DS723PLUS Datasheet HTML 8Page - Synology Inc.  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
DATASHEET | DiskStation DS723+
Synology High Availability
Reduces service downtime by combining two identical NAS into a high-availability cluster
Active Backup for Business
An all-in-one backup solution designed for heterogeneous business IT environments. It enables IT admins to remotely
manage and protect PCs, servers, Synology systems, and VMs from one centralized console
Active Backup for Google
Workspace
Supports backup and restoration of Google Workspace My Drive, Team Drive, Gmail, Contacts, and Calendar
Active Backup for Microsoft 365 Supports backup and restoration of Microsoft 365 OneDrive for Business, Outlook, Contacts, and Calendar
Productivity & Collaboration
Collaboration tools
Collaborate with instant messaging service Synology Chat, online documents editor Synology Office, and scheduling assistant
Synology Calendar
• Max. number of concurrent users for Chat: 100
• Max. number of users for Office: 1,200
• Calendar supports CalDAV and access via mobile devices
Note Station
A note taking platform that supports rich text, note organization and versioning, encryption, sharing, media embedding, and
attachments
Synology MailPlus Server14
A secure, reliable, and private mail solution featuring high-availability, load balancing, security, and filtering options
Synology MailPlus
An intuitive webmail interface for Synology MailPlus Server with configurable mail labels, filters, and user interface
Multimedia
Synology Photos
An efficient photo management solution for professional and amateur photographers. Automated tools allow users to group,
filter, organize, and share content while keeping their photos safe and secure
Other packages
Video Station, Audio Station, and iTunes® Server
Surveillance
Surveillance Station9
Max. number of IP cameras: 40, for a total of 1200 FPS at 720p (H.264)
Management & Administration
Synology Directory Server
Provides a flexible and cost-effective domain controller solution
Central Management System
Provides a single interface to manage and monitor multiple Synology NAS
VPN Server
• Max. number of connections: 40
• Supported VPN protocols: PPTP, OpenVPN™, L2DTP/IPSec
Active Insight15
Monitor health statistics, login activity, and backup statuses for your Synology servers worldwide, and receive notifications
and advice from our centralized cloud-hosted management platform
Storage Analyzer
Displays volume and quota usage, total size of files, volume usage and trends based on past usage, size of shared folders,
large files, most recently modified files, and least recently accessed files
Antivirus Essential
Provides full system scans, scheduled scans, white list customization, and auto-update of virus definitions
Web Station
Enables hosting for up to 30 websites with support for PHP/MariaDB® and 3rd-party applications
Other packages
DNS Server, RADIUS Server, and Log Center
Others
iOS/Android™ applications
Synology Drive, Synology MailPlus, Synology Secure SignIn, Synology Chat, Synology LiveCam, Synology Active Insight, DS
cam, DS file, DS finder, and DS note
Other packages
Additional 3rd-party packages are available in the Package Center
Environment and Packaging
Environmental safety
RoHS compliant
Package contents
• 1 x DS723+ main unit
• 1 x Quick Installation Guide
• 1 x Accessory pack
• 1 x AC power adapter
• 1 x AC power cord
• 2 x RJ-45 LAN cables
Optional accessories16
• DDR4 ECC SODIMM: D4ES02-4G / D4ES02-8G / D4ES01-16G
• Synology Network Upgrade Module: E10G22-T1-Mini
• M.2 2280 NVMe SSD: SNV3400 series
• 2.5" SATA SSD: SAT5200 series
• 3.5" SATA HDD: HAT5300 series
• Expansion Unit: DX517
• MailPlus License Pack14
• Surveillance Device License Pack9
• Virtual DSM License Pack10
• Extended Warranty: EW201, Extended Warranty Plus5
Warranty
3 years4,5



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com