Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DS723PLUS Datasheet(PDF) 6 Page - Synology Inc.

Part # DS723PLUS
Description  DiskStation DS723
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SYNOLOGY [Synology Inc.]
Direct Link  https://www.synology.com/ko-kr
Logo SYNOLOGY - Synology Inc.

DS723PLUS Datasheet(HTML) 6 Page - Synology Inc.

  DS723PLUS Datasheet HTML 1Page - Synology Inc. DS723PLUS Datasheet HTML 2Page - Synology Inc. DS723PLUS Datasheet HTML 3Page - Synology Inc. DS723PLUS Datasheet HTML 4Page - Synology Inc. DS723PLUS Datasheet HTML 5Page - Synology Inc. DS723PLUS Datasheet HTML 6Page - Synology Inc. DS723PLUS Datasheet HTML 7Page - Synology Inc. DS723PLUS Datasheet HTML 8Page - Synology Inc.  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
DATASHEET | DiskStation DS723+
General DSM Specifications
Networking protocols
SMB, AFP, NFS, FTP, WebDAV, CalDAV, iSCSI, Telnet, SSH, SNMP, and VPN (PPTP, OpenVPN™, L2TP)
File systems
• Internal: Btrfs, ext4
• External: Btrfs, ext4, ext3, FAT32, NTFS, HFS+, exFAT
Supported RAID types
Synology Hybrid RAID (SHR), Basic, JBOD, RAID 0, and RAID 1
Storage management
• Max. single volume size: 108 TB
• Max. number of system snapshots: 65,53611
• Max. number of internal volumes: 64
SSD cache
• Read/write cache support
• M.2 NVMe and 2.5" SATA SSD support
File sharing capabilities
• Max. number of local user accounts: 2,048
• Max. number of local groups: 256
• Max. number of shared folders: 512
• Max. number of concurrent SMB/NFS/AFP/FTP connections: 50012
Privileges
Windows® Access Control List (ACL) and application privileges
Directory services
Connects with Windows® AD/LDAP servers enabling domain users to login via SMB/NFS/AFP/FTP/File Station using their
existing credentials
Virtualization
VMware vSphere®, Microsoft Hyper-V®, Citrix®, OpenStack, and Kubernetes
Security
Firewall, shared folder encryption, SMB encryption, FTP over SSL/TLS, SFTP, rsync over SSH, login auto block, Let's Encrypt
support, and HTTPS (customizable cipher suite)
Supported browsers
Google Chrome®, Firefox®, Microsoft Edge®, Safari® 13 and later, and Safari (iOS 13.0 and later) on iPad, Chrome (Android™
11.0 and later) on tablets
Interface languages
English, Deutsch, Français, Italiano, Español, Dansk, Norsk, Svensk, Nederlands, Русский, Polski, Magyar,
Português do Brasil, Português Europeu, Türkçe, Český,
Packages and Applications
File Server & Synchronization
Drive
Synchronizes files across Windows®, macOS®, Linux®, Android™, and iOS. The built-in cross-platform portal allows access to
data anytime and anywhere
• Max. number of hosted files: 5,000,000
• Max. number of concurrent connections for PC clients: 350
File Station
Provides virtual drives, remote folders, Windows® ACL editor, compression/extraction of archived files, bandwidth control for
specific users/groups, creation of sharing links, and transfer logs
Hybrid Share8
Efficiently synchronizes files across sites by keeping shared data on Synology C2 Storage and streaming files to Synology NAS
worldwide on request. Frequently requested files are cached at each site for low-latency access
FTP Server
Supports bandwidth control for TCP connections, custom FTP passive port ranges, anonymous FTP, FTP over TLS/SSL and
SFTP protocols, network booting with TFTP and PXE support, and transfer logs
Presto File Server13
Enables high-speed data transfer over WAN between Synology NAS and desktop platforms through the exclusive SITA
technology
Cloud Sync
Offers one or two-way synchronization with public cloud storage providers including Alibaba Cloud OSS, Backblaze B2, Baidu
Cloud, Box, Dropbox, Google Cloud Storage, Google Drive, hubiC, MegaDisk, Microsoft OneDrive, OpenStack Swift-compatible
storage, Tencent COS, WebDAV servers and Yandex Disk
Universal Search
Search through files, metadata, and more on your NAS. Integration with Windows Search and macOS Spotlight makes it easy
to find files
Migration Assistant
Migrates data, system setting, and applications seamlessly from one Synology NAS to another to ensure maximum service
availability
SAN Storage & Virtualization
SAN Manager
• Max. number of iSCSI targets: 128
• Max. number of LUNs: 256
• LUN clone/snapshot support
Virtual Machine Manager10
Supports running Windows®, Linux®, and Virtual DSM-based virtual machines on Synology NAS
Data Protection & Backup Solutions
Hyper Backup
Supports local backup, network backup, and data backup to Synology servers, other devices, and public clouds including C2
Storage8
Backup tools
• DSM configuration backup, macOS® Time Machine® support, Synology Drive Client desktop application
• Shared folder sync supports a maximum of 32 tasks
Snapshot Replication
• Max. number of snapshots for shared folders: 1,024
• Max. number of replications: 32



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com