Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HGDFPT021B Datasheet(PDF) 14 Page - ALPS ELECTRIC CO.,LTD.

Part # HGDFPT021B
Description  Magnetic Sensor
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALPS [ALPS ELECTRIC CO.,LTD.]
Direct Link  http://www.alps.com
Logo ALPS - ALPS ELECTRIC CO.,LTD.

HGDFPT021B Datasheet(HTML) 14 Page - ALPS ELECTRIC CO.,LTD.

Back Button HGDFPT021B Datasheet HTML 10Page - ALPS ELECTRIC CO.,LTD. HGDFPT021B Datasheet HTML 11Page - ALPS ELECTRIC CO.,LTD. HGDFPT021B Datasheet HTML 12Page - ALPS ELECTRIC CO.,LTD. HGDFPT021B Datasheet HTML 13Page - ALPS ELECTRIC CO.,LTD. HGDFPT021B Datasheet HTML 14Page - ALPS ELECTRIC CO.,LTD. HGDFPT021B Datasheet HTML 15Page - ALPS ELECTRIC CO.,LTD. HGDFPT021B Datasheet HTML 16Page - ALPS ELECTRIC CO.,LTD. HGDFPT021B Datasheet HTML 17Page - ALPS ELECTRIC CO.,LTD. HGDFPT021B Datasheet HTML 18Page - ALPS ELECTRIC CO.,LTD.  
Zoom Inzoom in Zoom Outzoom out
 14 / 18 page
background image
(7)-1. 梱包形態 
Packing
①.本製品はテーピング包装(3,000個/リール)にて納入します。
This product is delivered by the taping wrapping (3,000 pieces/reel).
②.本製品は防湿梱包なしで納入します。
This product is delivered by a non damp-proof packing.
③.各リールには、バーコードラベルを貼付します。
The barcode label is put on each reel.
④.箱には、リ-ル1個を収納します。( 3,000pcs入り/箱 )
1 reel stored in the carton box. ( carton/with 3,000pcs)
⑤.本梱包は、日本国内の出荷に適用する
This packing form is adopted to the shipment in Japan
(7)-2. 梱包形態 
Packing
①.本製品はテーピング包装(3,000個/リール)にて納入します。
This product is packed by tape wrapping (3,000 pcs/reel).
②.各リールには、バーコードラベルを貼付します。
The barcode label is put on each reel.
③.1リールを1Bagに収納します。
One reel is stored in one Bag.
④.箱には、Bagに収納したリ-ル最大15個を収納します。( max. 45,000pcs入り/箱 )
15 bags are put in 1 carton ( max. 45,000pcs/carton)
⑤.箱の上下には、クッションを収納します。
The cushion is stored in the top and bottom of the carton.
⑥.本梱包は、海外向けの出荷に適用する
This packing form is adopted to the shipment to overseas.
(8). 推奨保管条件
Recommended storage condition
30℃- 85%以下 1年以内
30℃- 85%, less than 1year
(9). 梱包箱 段積み規定
Stacking height of carton
・Shipment to Japan   : 10段max とする
Maximum 10cartons
・Shipment to Overseas : 5段max とする
Maximum 5cartons
Magnetic Sensor
14 / 18
HGDFPT021B_ Datasheet
Rev.00
May/20/2019
C-3ラベル
C-3 lavel
Bag
クッション
Cushion
クッション
Cushion
*箱外寸を示す
Dimension of carton



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com