Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HGDFPT021B Datasheet(PDF) 5 Page - ALPS ELECTRIC CO.,LTD.

Part # HGDFPT021B
Description  Magnetic Sensor
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALPS [ALPS ELECTRIC CO.,LTD.]
Direct Link  http://www.alps.com
Logo ALPS - ALPS ELECTRIC CO.,LTD.

HGDFPT021B Datasheet(HTML) 5 Page - ALPS ELECTRIC CO.,LTD.

  HGDFPT021B Datasheet HTML 1Page - ALPS ELECTRIC CO.,LTD. HGDFPT021B Datasheet HTML 2Page - ALPS ELECTRIC CO.,LTD. HGDFPT021B Datasheet HTML 3Page - ALPS ELECTRIC CO.,LTD. HGDFPT021B Datasheet HTML 4Page - ALPS ELECTRIC CO.,LTD. HGDFPT021B Datasheet HTML 5Page - ALPS ELECTRIC CO.,LTD. HGDFPT021B Datasheet HTML 6Page - ALPS ELECTRIC CO.,LTD. HGDFPT021B Datasheet HTML 7Page - ALPS ELECTRIC CO.,LTD. HGDFPT021B Datasheet HTML 8Page - ALPS ELECTRIC CO.,LTD. HGDFPT021B Datasheet HTML 9Page - ALPS ELECTRIC CO.,LTD. Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 18 page
background image
 ■Continuous drive (VDD=5V)
常時駆動消費電流 (VDD=5V)
3-2. (1). 回路構成   Functional block diagram
(2). 回路条件   Circuit condition
外付コンデンサ
0.1μF
Bypass Capacitor
Magnetic Sensor
5 / 18
HGDFPT021B_ Datasheet
Rev.00
May/20/2019
S O T
GND
3
【Top view】
【上面 】
1
VDD
2
OUT
+H
-H
Direction of
magnetic field
V Hi
0
Hoff Hon
+H
[OUT]
-H
Hon
V Hi
V Low
V Low
IDD
Tp
(Typ.35μsec)
Td
(Typ.23μsec)
IDD
(Typ. 1.65mA)
IDD ON
Time
IDD ON
IDD OFF
VDD
Latch
Interval
Switch
OUT
CLK
GND
Input
Function
Amp
2
1
3
OUT
GND
VDD
GND
VDD



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com