Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST10F272B Datasheet(PDF) 57 Page - STMicroelectronics

Part # ST10F272B
Description  16-bit MCU with 256 Kbyte Flash memory and 12/20 Kbyte RAM
PDF  181 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST10F272B Datasheet(HTML) 57 Page - STMicroelectronics

Back Button ST10F272B Datasheet HTML 53Page - STMicroelectronics ST10F272B Datasheet HTML 54Page - STMicroelectronics ST10F272B Datasheet HTML 55Page - STMicroelectronics ST10F272B Datasheet HTML 56Page - STMicroelectronics ST10F272B Datasheet HTML 57Page - STMicroelectronics ST10F272B Datasheet HTML 58Page - STMicroelectronics ST10F272B Datasheet HTML 59Page - STMicroelectronics ST10F272B Datasheet HTML 60Page - STMicroelectronics ST10F272B Datasheet HTML 61Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 57 / 181 page
background image
ST10F272B/ST10F272E
Interrupt system
57/181
available vector. If more than one source is enabled to issue the request, the service routine
will have to take care to identify the real event to be serviced. This can easily be done by
checking the flag bits (Byte Low of XIRxSEL register). Note that the flag bits can also
provide information about events which are not currently serviced by the interrupt controller
(since masked through the enable bits), allowing an effective software management also in
absence of the possibility to serve the related interrupt request: a periodic polling of the flag
bits may be implemented inside the user application.
Figure 9.
X-Interrupt basic structure
The
Table 29 summarizes the mapping of the different interrupt sources which shares the
four X-interrupt vectors.
Table 29.
X-Interrupt detailed mapping
XP0INT
XP1INT
XP2INT
XP3INT
CAN1 Interrupt
xx
CAN2 Interrupt
xx
I2C Receive
xx
x
I2C Transmit
xx
x
I2C Error
x
SSC1 Receive
xx
x
SSC1 Transmit
xx
x
SSC1 Error
x
ASC1 Receive
xx
x
ASC1 Transmit
xx
x
ASC1 Transmit Buffer
xx
x
XIR
xSEL[7:0] (x = 0, 1, 2, 3)
XIR
xSEL[15:8] (x = 0, 1, 2, 3)
XP
xIC.XPxIR (x = 0, 1, 2, 3)
7
0
15
8
IT Source 7
IT Source 6
IT Source 5
IT Source 4
IT Source 3
IT Source 2
IT Source 1
IT Source 0
Enable[7:0]
Flag[7:0]



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com