Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST10F272B Datasheet(PDF) 32 Page - STMicroelectronics

Part # ST10F272B
Description  16-bit MCU with 256 Kbyte Flash memory and 12/20 Kbyte RAM
PDF  181 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST10F272B Datasheet(HTML) 32 Page - STMicroelectronics

Back Button ST10F272B Datasheet HTML 28Page - STMicroelectronics ST10F272B Datasheet HTML 29Page - STMicroelectronics ST10F272B Datasheet HTML 30Page - STMicroelectronics ST10F272B Datasheet HTML 31Page - STMicroelectronics ST10F272B Datasheet HTML 32Page - STMicroelectronics ST10F272B Datasheet HTML 33Page - STMicroelectronics ST10F272B Datasheet HTML 34Page - STMicroelectronics ST10F272B Datasheet HTML 35Page - STMicroelectronics ST10F272B Datasheet HTML 36Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 181 page
background image
Internal Flash memory
ST10F272B/ST10F272E
32/181
5.4.2
Flash control register 0 high
The Flash Control Register 0 High (FCR0H) together with the Flash Control Register 0 Low
(FCR0L) is used to enable and to monitor all the write operations on the IFLASH. The user
has no access in write mode to the Test-Flash (B0TF). Besides, Test-Flash block is seen by
the user in Bootstrap Mode only.
FCR0H (0x08 0002)
FCR
Reset value:
0000h
15
14
13
12
11
10
98
765
43
210
WMS
SUSP
WPG DWPG
SER
reserved
SPR
reserved
RW
RW
RW
RW
RW
RW
Table 8.
Flash control register 0 high
Bit
Function
SPR
Set Protection
This bit must be set to select the Set Protection operation. The Set Protection
operation allows to program 0s in place of 1s in the Flash Non Volatile Protection
Registers. The Flash Address in which to program must be written in the FARH/L
registers, while the Flash Data to be programmed must be written in the FDR0H/L
before starting the execution by setting bit WMS. A sequence error is flagged by bit
SEQER of FER if the address written in FARH/L is not in the range 0x0E8FB0-
0x08DFBF. SPR bit is automatically reset at the end of the Set Protection
operation.
SER
Sector Erase
This bit must be set to select the Sector Erase operation in the Flash modules. The
Sector Erase operation allows to erase all the Flash locations to value 0xFF. From
1 to all the sectors of the same Bank (excluded Test-Flash for Bank B0) can be
selected to be erased through bits BxFy of FCR1H/L registers before starting the
execution by setting bit WMS. It is not necessary to pre-program the sectors to
0x00, because this is done automatically. SER bit is automatically reset at the end
of the Sector Erase operation.
DWPG
Double Word Program
This bit must be set to select the Double Word (64 bits) Program operation in the
Flash module. The Double Word Program operation allows to program 0s in place
of 1s. The Flash Address in which to program (aligned with even words) must be
written in the FARH/L registers, while the 2 Flash Data to be programmed must be
written in the FDR0H/L registers (even word) and FDR1H/L registers (odd word)
before starting the execution by setting bit WMS. DWPG bit is automatically reset
at the end of the Double Word Program operation.
WPG
Word Program
This bit must be set to select the Word (32 bits) Program operation in the Flash
module. The Word Program operation allows to program 0s in place of 1s. The
Flash Address to be programmed must be written in the FARH/L registers, while
the Flash Data to be programmed must be written in the FDR0H/L registers before
starting the execution by setting bit WMS. WPG bit is automatically reset at the
end of the Word Program operation.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com