Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST10F272B Datasheet(PDF) 27 Page - STMicroelectronics

Part # ST10F272B
Description  16-bit MCU with 256 Kbyte Flash memory and 12/20 Kbyte RAM
PDF  181 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST10F272B Datasheet(HTML) 27 Page - STMicroelectronics

Back Button ST10F272B Datasheet HTML 23Page - STMicroelectronics ST10F272B Datasheet HTML 24Page - STMicroelectronics ST10F272B Datasheet HTML 25Page - STMicroelectronics ST10F272B Datasheet HTML 26Page - STMicroelectronics ST10F272B Datasheet HTML 27Page - STMicroelectronics ST10F272B Datasheet HTML 28Page - STMicroelectronics ST10F272B Datasheet HTML 29Page - STMicroelectronics ST10F272B Datasheet HTML 30Page - STMicroelectronics ST10F272B Datasheet HTML 31Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 181 page
background image
ST10F272B/ST10F272E
Internal Flash memory
27/181
5
Internal Flash memory
5.1
Overview
The on-chip Flash is composed by one matrix module, 256 KBytes wide.
This module is on ST10 Internal bus, so it is called IFLASH
Figure 5.
Flash structure
The programming operations of the flash are managed by an embedded Flash
Program/Erase Controller (FPEC). The High Voltages needed for Program/Erase operations
are internally generated.
The Data bus is 32-bit wide for fetch accesses to IFLASH, while it is 16 bit wide for read
accesses to IFLASH. Read/write accesses to IFLASH Control Registers area are 16 bit
wide.
5.2
Functional description
5.2.1
Structure
The following table shows the Address space reserved to the Flash module.
Flash Control
Bank 0: 256 Kbyte
Program Memory
HV and Ref.
Generator
Program/Erase
Controller
I-BUS Interface
+
8 Kbyte Test-Flash
IFLASH
Control Section
Registers
Table 3.
Address space reserved to the Flash module
Description
Addresses
Size
IFLASH sectors
0x00 0000 to 0x04 FFFF
256 Kbyte
Reserved IBUS area
0x05 0000 to 0x07 FFFF
192 Kbyte
Registers and Flash internal reserved area
0x08 0000 to 0x08 FFFF
64 Kbyte



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com