Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST10F272B Datasheet(PDF) 31 Page - STMicroelectronics

Part # ST10F272B
Description  16-bit MCU with 256 Kbyte Flash memory and 12/20 Kbyte RAM
PDF  181 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST10F272B Datasheet(HTML) 31 Page - STMicroelectronics

Back Button ST10F272B Datasheet HTML 27Page - STMicroelectronics ST10F272B Datasheet HTML 28Page - STMicroelectronics ST10F272B Datasheet HTML 29Page - STMicroelectronics ST10F272B Datasheet HTML 30Page - STMicroelectronics ST10F272B Datasheet HTML 31Page - STMicroelectronics ST10F272B Datasheet HTML 32Page - STMicroelectronics ST10F272B Datasheet HTML 33Page - STMicroelectronics ST10F272B Datasheet HTML 34Page - STMicroelectronics ST10F272B Datasheet HTML 35Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 181 page
background image
ST10F272B/ST10F272E
Internal Flash memory
31/181
5.4
Registers description
5.4.1
Flash control register 0 low
The Flash Control Register 0 Low (FCR0L) together with the Flash Control Register 0 High
(FCR0H) is used to enable and to monitor all the write operations on the IFLASH. The user
has no access in write mode to the Test-Flash (B0TF). Besides, Test-Flash block is seen by
the user in Bootstrap Mode only.
FCR0L (0x08 0000)
FCR
Reset Value: 0000h:
15
14
13
12
11
10
98
765
43
210
reserved
LOCK
res.
res.
BSY0
res.
RR
Table 7.
Flash control register 0 low
Bit
Function
BSY0
Bank 0 Busy (IFLASH)
This bit indicates that a write operation is running on Bank 0 (IFLASH). It is
automatically set when bit WMS is set. Setting Protection operation sets bit BSY0
(since protection registers are in this Block). When this bit is set, every read
access to Bank 0 will output invalid data (software trap 009Bh), while every write
access to the Bank will be ignored. At the end of the write operation or during a
Program or Erase Suspend this bit is automatically reset and the Bank returns to
read mode. After a Program or Erase Resume this bit is automatically set again.
LOCK
Flash Registers Access Locked
When this bit is set, it means that the access to the Flash Control Registers
FCR0H/-FCR1H/L, FDR0H/L-FDR1H/L, FARH/L and FER is locked by the FPEC:
any read access to the registers will output invalid data (software trap 009Bh) and
any write access will be ineffective. LOCK bit is automatically set when the Flash
bit WMS is set.
This is the only bit the user can always access to detect the status of the Flash:
once it is found low, the rest of FCR0L and all the other Flash registers are
accessible by the user as well.
Note that FER content can be read when LOCK is low, but its content is updated
only when also BSY0 bit is reset.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com