Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

063EC Datasheet(PDF) 6 Page - STMicroelectronics

Part # 063EC
Description  DC/DC converter control circuits
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

063EC Datasheet(HTML) 6 Page - STMicroelectronics

Back Button 063EC Datasheet HTML 2Page - STMicroelectronics 063EC Datasheet HTML 3Page - STMicroelectronics 063EC Datasheet HTML 4Page - STMicroelectronics 063EC Datasheet HTML 5Page - STMicroelectronics 063EC Datasheet HTML 6Page - STMicroelectronics 063EC Datasheet HTML 7Page - STMicroelectronics 063EC Datasheet HTML 8Page - STMicroelectronics 063EC Datasheet HTML 9Page - STMicroelectronics 063EC Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 23 page
background image
Electrical characteristics
MC34063AB - MC34063AC - MC34063EB - MC34063EC
6/23
4
Electrical characteristics
(Refer to the test circuits, VCC = 5 V, TA = TLOW to THIGH, unless otherwise specified, see
Note 2)
Table 5.
Oscillator
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
fOSC
Frequency
VPIN5 = 0V, CT = 1 nF, TA = 25°C
24
33
42
kHz
ICHG
Charge current
VCC = 5 to 40V, TA = 25°C
24
33
42
µA
IDISCHG
Discharge current
VCC = 5 to 40V, TA = 25°C
140
200
260
µA
IDISCHG/ICHG
Discharge to charge
current ratio
PIN 7 = VCC, TA = 25°C
5.2
6.2
7.5
µA
VIPK(sense)
Current limit sense voltage ICHG = IDISCHG, TA = 25°C
250
300
350
mV
Table 6.
Output switch
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
VCE(sat)
Saturation voltage, darlington
connection
ISW = 1 A, PIN 7, 8 connected
1
1.3
V
VCE(sat)
Saturation voltage
ISW = 1 A, RPIN8 = 82 Ω to VCC
Forced
β ~ 20
0.45
0.7
V
hFE
DC current gain
ISW = 1 A,VCE = 5 V, TA = 25°C
50
120
IC(off)
Collector off-state current
VCE = 40 V
0.01
100
µA
Table 7.
Comparator
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
VTH
Threshold voltage
TA = 25°C
1.225
1.25
1.275
V
TA = TLOW to THIGH
1.21
1.29
Regline
Threshold voltage line
regulation
VCC = 3 to 40 V
1
5
mV
IIB
Input bias current
VIN = 0 V
-5
-400
nA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com