Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

063EC Datasheet(PDF) 10 Page - STMicroelectronics

Part # 063EC
Description  DC/DC converter control circuits
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

063EC Datasheet(HTML) 10 Page - STMicroelectronics

Back Button 063EC Datasheet HTML 6Page - STMicroelectronics 063EC Datasheet HTML 7Page - STMicroelectronics 063EC Datasheet HTML 8Page - STMicroelectronics 063EC Datasheet HTML 9Page - STMicroelectronics 063EC Datasheet HTML 10Page - STMicroelectronics 063EC Datasheet HTML 11Page - STMicroelectronics 063EC Datasheet HTML 12Page - STMicroelectronics 063EC Datasheet HTML 13Page - STMicroelectronics 063EC Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 23 page
background image
Typical application circuit
MC34063AB - MC34063AC - MC34063EB - MC34063EC
10/23
6
Typical application circuit
Figure 13.
Step-up converter
Figure 14.
Printed evaluation board
PIN 1 = VOUT
PIN 2 = GND
PIN 3 = GND
PIN 4 = VIN
Table 9.
Test condition (VOUT = 28 V)
Test
Conditions
Value (Typ.)
Unit
Line Regulation
VIN = 8 to 16 V, IO = 175 mA
30
mV
Load Regulation
VIN = 12 V, IO = 75 to 175 mA
10
mV
Output Ripple
VIN = 12 V, IO = 175 mA
300
mV
Efficiency
VIN = 12 V, IO = 175 mA
89
%



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com