Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

063EC Datasheet(PDF) 7 Page - STMicroelectronics

Part # 063EC
Description  DC/DC converter control circuits
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

063EC Datasheet(HTML) 7 Page - STMicroelectronics

Back Button 063EC Datasheet HTML 3Page - STMicroelectronics 063EC Datasheet HTML 4Page - STMicroelectronics 063EC Datasheet HTML 5Page - STMicroelectronics 063EC Datasheet HTML 6Page - STMicroelectronics 063EC Datasheet HTML 7Page - STMicroelectronics 063EC Datasheet HTML 8Page - STMicroelectronics 063EC Datasheet HTML 9Page - STMicroelectronics 063EC Datasheet HTML 10Page - STMicroelectronics 063EC Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 23 page
background image
MC34063AB - MC34063AC - MC34063EB - MC34063EC
Electrical characteristics
7/23
Note:
1
Maximum package power dissipation limit must be observed.
2TLOW = 0 °C, THIGH = 70 °C (AC and EC series); TLOW = -40 °C, THIGH = 85 °C (AB series);
TLOW = -40 °C, THIGH = 125 °C (EB series).
3
If darlington configuration is not used, care must be taken to avoid deep saturation of output
switch. The resulting switch-off time may be adversely affected. In a darlington configuration
the following output driver condition is suggested:
Forced
β of output current switch = ICOUTPUT/(ICDRIVER - 1 mA
(a))
≥ 10
4
Start-up voltage is the minimum power supply voltage at which the internal oscillator begins
to work.
Table 8.
Total device
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
ICC
Supply current
VCC = 5 to 40 V
CT = 1 nF
PIN 7 = VCC
VPIN5 >VTH
PIN 2 = GND
Remaining pins
open
for MC34063A
2.5
4
mA
1.5
4
for MC34063E
VSTART-UP Start-up voltage (Note 4)
TA = 25°C
CT = 1 µF, PIN 5 = 0
for MC34063A
2.1
V
for MC34063E
1.5
a.
Current less due to a built in 1 k
Ω anti leakage resistor.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com