Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

063EC Datasheet(PDF) 5 Page - STMicroelectronics

Part # 063EC
Description  DC/DC converter control circuits
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

063EC Datasheet(HTML) 5 Page - STMicroelectronics

  063EC Datasheet HTML 1Page - STMicroelectronics 063EC Datasheet HTML 2Page - STMicroelectronics 063EC Datasheet HTML 3Page - STMicroelectronics 063EC Datasheet HTML 4Page - STMicroelectronics 063EC Datasheet HTML 5Page - STMicroelectronics 063EC Datasheet HTML 6Page - STMicroelectronics 063EC Datasheet HTML 7Page - STMicroelectronics 063EC Datasheet HTML 8Page - STMicroelectronics 063EC Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 23 page
background image
MC34063AB - MC34063AC - MC34063EB - MC34063EC
Maximum ratings
5/23
3
Maximum ratings
Note:
Absolute maximum ratings are those values beyond which damage to the device may occur.
Functional operation under these condition is not implied.
Table 3.
Absolute maximum ratings
Symbol
Parameter
Value
Unit
VCC
Power supply voltage
50
V
VIR
Comparator input voltage range
-0.3 to 40
V
VSWC
Switch collector voltage
40
V
VSWE
Switch emitter voltage (VSWC = 40V)
40
V
VCE
Switch collector to emitter voltage
40
V
VDC
Driver collector voltage
40
V
IDC
Driver collector current
100
mA
ISW
Switch current
1.5
A
PTOT
Power dissipation at TA = 25°C
for DIP-8
1.25
W
for SO-8
0.625
TJ
Operating junction temperature
150
°C
TSTG
Storage temperature range
-40 to 150
°C
TOP
Operating ambient temperature range
for AC and EC series
0 to 70
°C
for AB series
-40 to 85
for EB series
-40 to 125
Table 4.
Thermal data
Symbol
Parameter
DIP-8
SO-8
Unit
RthJA
Thermal resistance junction-ambient (1)
100
160
°C/W
RthJC
Thermal resistance junction-case
42
20
°C/W
1.
This value depends from thermal design of PCB on which the device is mounted.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com