Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADBMS1818ASWAZ-R7 Datasheet(PDF) 26 Page - Analog Devices

Part # ADBMS1818ASWAZ-R7
Description  18-Cell Battery Monitor with Daisy Chain Interface
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADBMS1818ASWAZ-R7 Datasheet(HTML) 26 Page - Analog Devices

Back Button ADBMS1818ASWAZ-R7 Datasheet HTML 22Page - Analog Devices ADBMS1818ASWAZ-R7 Datasheet HTML 23Page - Analog Devices ADBMS1818ASWAZ-R7 Datasheet HTML 24Page - Analog Devices ADBMS1818ASWAZ-R7 Datasheet HTML 25Page - Analog Devices ADBMS1818ASWAZ-R7 Datasheet HTML 26Page - Analog Devices ADBMS1818ASWAZ-R7 Datasheet HTML 27Page - Analog Devices ADBMS1818ASWAZ-R7 Datasheet HTML 28Page - Analog Devices ADBMS1818ASWAZ-R7 Datasheet HTML 29Page - Analog Devices ADBMS1818ASWAZ-R7 Datasheet HTML 30Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 92 page
background image
Data Sheet
ADBMS1818
THEORY OF OPERATION
analog.com
Rev. B | 26 of 92
ISOSPI STATE DESCRIPTIONS
The ADBMS1818 has two isoSPI ports (Port A and Port B) for
daisy-chain communication.
Idle State
In the idle state, the isoSPI ports are powered down.
When isoSPI Port A or Port B receives a wake-up signal (see the
Waking Up the Serial Interface section), the isoSPI enters the ready
state. This transition happens quickly (within tREADY) if the core is in
the standby state. If the core is in the sleep state when the isoSPI
receives a wake-up signal, the core transitions to the ready state
within tWAKE.
Ready State
In the ready state, the isoSPI port(s) are ready for communication.
The serial interface current in the ready state depends on the status
of the ISOMD pin and RBIAS = RB1 + RB2 (the external resistors tied
to the IBIAS pin). If there is no activity (that is, no wake-up signal)
on Port A or Port B for greater than tIDLE, the ADBMS1818 enters
the idle state. When the serial interface is transmitting or receiving
data, the ADBMS1818 enters the active state.
Active State
In the active state, the ADBMS1818 is transmitting and receiving
data using one or both of the isoSPI ports. The serial interface
consumes maximum power in the active state. The supply current
increases with clock frequency as the density of isoSPI pulses
increases.
POWER CONSUMPTION
The ADBMS1818 is powered via two pins: V+ and VREG. The V+
input requires voltage greater than or equal to the top cell voltage
minus 0.3 V and provides power to the high voltage elements of
the core circuits. The VREG input requires 5 V and provides power
to the remaining core circuits and the isoSPI circuitry. The VREG
input can be powered through an external transistor, driven by the
regulated DRIVE output pin. Alternatively, VREG can be powered by
an external supply.
The power consumption varies according to the operational states.
Table 17 and Table 18 provide equations to approximate the supply
pin currents in each state. The V+ pin current depends only on the
core state. However, the VREG pin current depends on both the
core state and isoSPI state, and can therefore be divided into two
components. The isoSPI interface draws current only from the VREG
pin.
IREG = IREG(CORE) + IREG(isoSPI)
In the sleep state, the VREG pin draws approximately 3.1 μA if
powered by an external supply. Otherwise, the V+ pin supplies the
necessary current.
Table 17. Core Supply Current
State
IVP
IREG(CORE)
Sleep
VREG = 0 V
6.1 µA
0 µA
VREG = 5 V
3 µA
3.1 µA
Standby
14 µA
35 µA
REFUP
550 µA
900 µA
Measure
950 µA
15 mA
Table 18. isoSPI Supply Current Equations
isoSPI State
ISOMD Connection
IREG(isoSPI)
Idle
Not applicable
0 mA
Ready
VREG
2.2 mA + 3 × IB
V−
1.5 mA + 3 × IB
Active
VREG
Write: 2.5mA +  3 + 20 × 100nstCLK  × IB
Read: 2.5mA +  3 + 20 × 100ns ×1.5
tCLK  × IB
V−
 1.8mA +  3 + 20 × 100nstCLK  × IB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com