Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADBMS1818ASWAZ-R7 Datasheet(PDF) 88 Page - Analog Devices

Part # ADBMS1818ASWAZ-R7
Description  18-Cell Battery Monitor with Daisy Chain Interface
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADBMS1818ASWAZ-R7 Datasheet(HTML) 88 Page - Analog Devices

Back Button ADBMS1818ASWAZ-R7 Datasheet HTML 84Page - Analog Devices ADBMS1818ASWAZ-R7 Datasheet HTML 85Page - Analog Devices ADBMS1818ASWAZ-R7 Datasheet HTML 86Page - Analog Devices ADBMS1818ASWAZ-R7 Datasheet HTML 87Page - Analog Devices ADBMS1818ASWAZ-R7 Datasheet HTML 88Page - Analog Devices ADBMS1818ASWAZ-R7 Datasheet HTML 89Page - Analog Devices ADBMS1818ASWAZ-R7 Datasheet HTML 90Page - Analog Devices ADBMS1818ASWAZ-R7 Datasheet HTML 91Page - Analog Devices ADBMS1818ASWAZ-R7 Datasheet HTML 92Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 88 / 92 page
background image
Data Sheet
ADBMS1818
APPLICATIONS INFORMATION
analog.com
Rev. B | 88 of 92
READING EXTERNAL TEMPERATURE
PROBES
Figure 110 shows the typical biasing circuit for a negative tempera-
ture coefficient (NTC) thermistor. The 10 kΩ at 25°C is the most
popular sensor value and the VREF2 output stage is designed to
provide the current required to bias several of these probes. The
biasing resistor is selected to correspond to the NTC value so the
circuit provides 1.5 V at 25°C (VREF2 is 3 V nominal). The overall
circuit response is approximately –1%/°C in the range of typical cell
temperatures, as shown in the chart of Figure 110.
Expanding the Number of Auxiliary
Measurements
The ADBMS1818 has nine GPIO pins that can be used as ADC
inputs. In applications that need to measure more than nine signals,
a mux circuit can be implemented to expand the analog measure-
ments to 16 different signals (Figure 111). The GPIO1 ADC input
is used for measurement and mux control is provided by the I2C
port on GPIO4 and GPIO5. The buffer amplifier is selected for fast
settling and increases the usable throughput rate.
Figure 110. Typical Temperature Probe Circuit and Relative Output
Figure 111. Mux Circuit Supports 16 Additional Analog Measurements



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com