Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADBMS1818ASWAZ-R7 Datasheet(PDF) 55 Page - Analog Devices

Part # ADBMS1818ASWAZ-R7
Description  18-Cell Battery Monitor with Daisy Chain Interface
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADBMS1818ASWAZ-R7 Datasheet(HTML) 55 Page - Analog Devices

Back Button ADBMS1818ASWAZ-R7 Datasheet HTML 51Page - Analog Devices ADBMS1818ASWAZ-R7 Datasheet HTML 52Page - Analog Devices ADBMS1818ASWAZ-R7 Datasheet HTML 53Page - Analog Devices ADBMS1818ASWAZ-R7 Datasheet HTML 54Page - Analog Devices ADBMS1818ASWAZ-R7 Datasheet HTML 55Page - Analog Devices ADBMS1818ASWAZ-R7 Datasheet HTML 56Page - Analog Devices ADBMS1818ASWAZ-R7 Datasheet HTML 57Page - Analog Devices ADBMS1818ASWAZ-R7 Datasheet HTML 58Page - Analog Devices ADBMS1818ASWAZ-R7 Datasheet HTML 59Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 55 / 92 page
background image
Data Sheet
ADBMS1818
THEORY OF OPERATION
analog.com
Rev. B | 55 of 92
Figure 85. Reversible isoSPI State Diagram
When ADBMS1818 is in the sleep state, the device responds to
a valid wake-up signal on either Port A or Port B. This is true for
either configuration of the ISOMD pin.
If the wake-up signal is sent on Port A, ADBMS1818 transmits a
long +1 isoSPI pulse (CSB rising) on Port B after the isoSPI is
powered up. If the wake-up signal is sent on Port B, ADBMS1818
powers up the isoSPI but does not transmit a long +1 isoSPI pulse
on Port A.
When ADBMS1818 is in the ready state, communication can be
initiated by sending a long –1 isoSPI pulse (CSB falling) on either
Port A or Port B. The ADBMS1818 automatically configures the port
that receives the long –1 isoSPI pulse as the slave and the other
port is configured as the master. The isoSPI pulses are transmitted
through the master port to the rest of the devices in the daisy chain.
In the active state, the ADBMS1818 is in the middle of the com-
munication and CSB of the internal SPI port is low. At the end
of communication a long +1 pulse (CSB rising) on the slave port
returns the device to the ready state. Although it is not part of
a normal communication routine, the ADBMS1818 allows Port A
and Port B to be swapped inside the active state. This feature
is useful for the master controller to reclaim control of the slave
port of ADBMS1818, irrespective of the current state of the ports.
This action can be done by sending a long –1 isoSPI pulse on the
master port after a time delay of tBLOCK from the last isoSPI signal
that was transmitted by the device. Any long isoSPI pulse sent to
the master port inside tBLOCK is rejected by the device. This ensures
the ADBMS1818 cannot switch ports because of signal reflections
from poorly terminated cables (<100 m cable length).
Timing Diagrams
Figure 86 shows the isoSPI timing diagram for a read command to
daisy-chained ADBMS1818 devices. The ISOMD pin is tied to V–
on the bottom part so that its Port A is configured as an SPI port
(CSB, SCK, SDI, and SDO). The isoSPI signals of three stacked
devices are shown labeled with the port (Port A or Port B) and part
number. Note that ISO B1 and ISO A2 are actually the same signal,
but shown on each end of the transmission cable that connects Part
1 and Part 2. Likewise, ISO B2 and ISO A3 are the same signal, but
with the cable delay shown between Part 2 and Part 3.
Bit WN to Bit W0 refer to the 16-bit command code and the 16-bit
PEC of a read command. At the end of Bit W0, the three parts
decode the read command and begin shifting out data, which is
valid on the next rising edge of clock SCK. Bit XN to Bit X0 refer
to the data shifted out by Part 1. Bit YN to Bit Y0 refer to the data
shifted out by Part 2, and Bit ZN to Bit Z0 refer to the data shifted
out by Part 3. All this data is read back from the SDO port on Part 1
in a daisy-chained fashion.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com