Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADBMS1818ASWAZ-R7 Datasheet(PDF) 86 Page - Analog Devices

Part # ADBMS1818ASWAZ-R7
Description  18-Cell Battery Monitor with Daisy Chain Interface
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADBMS1818ASWAZ-R7 Datasheet(HTML) 86 Page - Analog Devices

Back Button ADBMS1818ASWAZ-R7 Datasheet HTML 82Page - Analog Devices ADBMS1818ASWAZ-R7 Datasheet HTML 83Page - Analog Devices ADBMS1818ASWAZ-R7 Datasheet HTML 84Page - Analog Devices ADBMS1818ASWAZ-R7 Datasheet HTML 85Page - Analog Devices ADBMS1818ASWAZ-R7 Datasheet HTML 86Page - Analog Devices ADBMS1818ASWAZ-R7 Datasheet HTML 87Page - Analog Devices ADBMS1818ASWAZ-R7 Datasheet HTML 88Page - Analog Devices ADBMS1818ASWAZ-R7 Datasheet HTML 89Page - Analog Devices ADBMS1818ASWAZ-R7 Datasheet HTML 90Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 86 / 92 page
background image
Data Sheet
ADBMS1818
APPLICATIONS INFORMATION
analog.com
Rev. B | 86 of 92
isoSPI Layout Guidelines
The layout of the isoSPI signal lines also plays a significant role in
maximizing the noise immunity of a data link. The following layout
guidelines are recommended:
1. The transformer must be placed as close to the isoSPI cable
connector as possible. The distance must be kept less than 2
cm. The ADBMS1818 must be placed close to but at least 1 cm
to 2 cm away from the transformer to help isolate the IC from
magnetic field coupling.
2. A V– ground plane must not extend under the transformer,
the isoSPI connector, or in between the transformer and the
connector.
3. The isoSPI signal traces must be as direct as possible while
isolated from adjacent circuitry by ground metal or space. No
traces must cross the isoSPI signal lines, unless separated by a
ground plane on an inner layer.
System Supply Current
The ADBMS1818 has various supply current specifications for the
different states of operation. The average supply current depends
on the control loop in the system. It is necessary to know which
commands are being executed each control loop cycle, and the
duration of the control loop cycle. With this information, it is possible
to determine the percentage of time the ADBMS1818 is in the
measure state versus the low power sleep state. The amount
of isoSPI or SPI communication also affects the average supply
current.
Calculating Serial Throughput
For any given ADBMS1818, the calculation to determine communi-
cation time is simple: it is the number of bits in the transmission
multiplied by the SPI clock period being used. The control protocol
of the ADBMS1818 is uniform. Therefore, almost all commands can
be categorized as a write or read operation. Table 76 can be used
to determine the number of bits in a given ADBMS1818 command.
ENHANCED APPLICATIONS
Using the ADBMS1818 with Fewer than 18
Cells
Cells can be connected in a conventional bottom (C1) to top (C18)
sequence with all unused C inputs either shorted to the highest
connected cell or left open. The unused S pins can simply be left
disconnected.
Alternatively, to optimize measurement synchronization in applica-
tions with fewer than 18 cells, the unused C pins can be equally
distributed between the top of the third mux (C18), the top of the
second mux (C12) and the top of the first mux (C6) (see Figure
108). If the number of cells being measured is not a multiple
of three, the top mux(es) must have fewer cells connected. The
unused cell inputs must be tied to the other unused inputs on the
same mux and connected to the battery stack through a 100 Ω
resistor. The unused inputs result in a reading of 0.0 V for those
cells.
Current Measurement with a Hall-Effect Sensor
The ADBMS1818 auxiliary ADC inputs (GPIO pins) may be used
for any analog signal, including active sensors with 0 V to 5
V analog outputs. For battery current measurements, Hall-effect
sensors provide an isolated, low power solution. Figure 109 shows
schematically a typical Hall-effect sensor that produces two outputs
that proportion to the VCC provided. The sensor in Figure 109 has
two bidirectional outputs centered at half of VCC. CH1 is a 0 A to 50
A low range and CH2 is a 0 A to 200 A high range. The sensor is
powered from a 5 V source and produces analog outputs that are
connected to the GPIO pins or inputs of the mux application shown
in Figure 111. The use of GPIO1 and GPIO2 as the ADC inputs
has the possibility of being digitized within the same conversion
sequence as the cell inputs (using the ADCVAX command), thus
synchronizing cell voltage and cell current measurements.
Table 76. Daisy Chain Serial Time Equations
Command
Type
CMD Bytes
+ CMD PEC
Data Bytes
+ Data PEC
per IC
Total Bits
Communication
Time
Read
4
8
(4 + (8 × #ICs)) × 8 Total bits × clock
period
Write
4
8
(4 + (8 × #ICs)) × 8 Total bits × clock
period
Operation
4
0
4 × 8 = 32
32 × clock period



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com