Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADBMS1818ASWZ Datasheet(PDF) 6 Page - Analog Devices

Part # ADBMS1818ASWZ
Description  18-Cell Battery Monitor with Daisy Chain Interface
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADBMS1818ASWZ Datasheet(HTML) 6 Page - Analog Devices

Back Button ADBMS1818ASWZ Datasheet HTML 2Page - Analog Devices ADBMS1818ASWZ Datasheet HTML 3Page - Analog Devices ADBMS1818ASWZ Datasheet HTML 4Page - Analog Devices ADBMS1818ASWZ Datasheet HTML 5Page - Analog Devices ADBMS1818ASWZ Datasheet HTML 6Page - Analog Devices ADBMS1818ASWZ Datasheet HTML 7Page - Analog Devices ADBMS1818ASWZ Datasheet HTML 8Page - Analog Devices ADBMS1818ASWZ Datasheet HTML 9Page - Analog Devices ADBMS1818ASWZ Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 92 page
background image
Data Sheet
ADBMS1818
SPECIFICATIONS
analog.com
Rev. B | 6 of 92
Table 3. (Continued)
Parameter
Test Conditions/Comments
Min
Typ
Max
Unit
State: core = measure, apply over the full specified
temperature range
0.6
0.95
1.4
mA
VREG Supply Current (IREG(CORE)) (See Figure 53) State: core = sleep, isoSPI = idle, VREG = 5 V
3.1
6
µA
State: core = sleep, isoSPI = idle, VREG = 5 V, apply over the
full specified temperature range
3.1
9
µA
State: core = standby
10
35
60
µA
State: core = standby, apply over the full specified
temperature range
6
35
65
µA
State: core = REFUP
0.4
0.9
1.4
mA
State: core = REFUP, apply over the full specified
temperature range
0.3
0.9
1.5
mA
State: core = measure
14
15
16
mA
State: core = measure, apply over the full specified
temperature range
13.5
15
16.5
mA
Additional VREG Supply Current If isoSPI Is in
Ready/Active States (IREG(isoSPI))
ISOMD = 0, RB1 + RB2 = 2 kΩ, ready, apply over the full
specified temperature range
3.6
4.5
5.2
mA
Note: Active State Current Assumes tCLK = 1 µs1
ISOMD = 0, RB1 + RB2 = 2 kΩ, active, apply over the full
specified temperature range
5.6
6.8
8.1
mA
ISOMD = 1, RB1 + RB2 = 2 kΩ, ready, apply over the full
specified temperature range
4.0
5.2
6.5
mA
ISOMD = 1, RB1 + RB2 = 2 kΩ, active, apply over the full
specified temperature range
7.0
8.5
10.5
mA
ISOMD = 0, RB1 + RB2 = 20 kΩ, ready, apply over the full
specified temperature range
1.0
1.8
2.4
mA
ISOMD = 0, RB1 + RB2 = 20 kΩ, active, apply over the full
specified temperature range
1.3
2.3
3.3
mA
ISOMD = 1, RB1 + RB2 = 20 kΩ, ready, apply over the full
specified temperature range
1.6
2.5
3.5
mA
ISOMD = 1, RB1 + RB2 = 20 kΩ, active, apply over the full
specified temperature range
1.8
3.1
4.8
mA
V+ Supply Voltage
TME specifications met, apply over the full specified
temperature range
16
60
90
V
V+ to C18 Voltage
TME specifications met, apply over the full specified
temperature range
–0.3
V
V+ to C12 Voltage
TME specifications met, apply over the full specified
temperature range
40
V
C13 Voltage
TME specifications met, apply over the full specified
temperature range
2.5
V
C7 Voltage
TME specifications met, apply over the full specified
temperature range
1
V
VREG Supply Voltage (VREG)
TME supply rejection < 1 mV/V, apply over the full specified
temperature range
4.5
5
5.5
V
DRIVE Output Voltage
Sourcing 1 µA
5.4
5.7
5.9
V
Sourcing 1 µA, apply over the full specified temperature
range
5.2
5.7
6.1
V
Sourcing 500 µA, apply over the full specified temperature
range
5.1
5.7
6.1
V
Digital Supply Voltage (VREGD)
Apply over the full specified temperature range
2.7
3
3.6
V
Discharge Switch On Resistance
VCELL = 3.6 V, apply over the full specified temperature range
4
10
Ω
Thermal Shutdown Temperature
150
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com