Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADBMS1818ASWZ Datasheet(PDF) 63 Page - Analog Devices

Part # ADBMS1818ASWZ
Description  18-Cell Battery Monitor with Daisy Chain Interface
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADBMS1818ASWZ Datasheet(HTML) 63 Page - Analog Devices

Back Button ADBMS1818ASWZ Datasheet HTML 59Page - Analog Devices ADBMS1818ASWZ Datasheet HTML 60Page - Analog Devices ADBMS1818ASWZ Datasheet HTML 61Page - Analog Devices ADBMS1818ASWZ Datasheet HTML 62Page - Analog Devices ADBMS1818ASWZ Datasheet HTML 63Page - Analog Devices ADBMS1818ASWZ Datasheet HTML 64Page - Analog Devices ADBMS1818ASWZ Datasheet HTML 65Page - Analog Devices ADBMS1818ASWZ Datasheet HTML 66Page - Analog Devices ADBMS1818ASWZ Datasheet HTML 67Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 63 / 92 page
background image
Data Sheet
ADBMS1818
THEORY OF OPERATION
analog.com
Rev. B | 63 of 92
Table 53. Command Bit Descriptions
Name
Description
Values
MD, Bits[1:0]
ADC Mode
MD
ADCOPT(CFGAR0, Bit 0) = 0
ADCOPT(CFGAR0, Bit 0) = 1
00
422 Hz mode
1 kHz mode
01
27 kHz mode (fast)
14 kHz mode
10
7 kHz mode (normal)
3 kHz mode
11
26 Hz mode (filtered)
2 kHz mode
DCP
Discharge Permitted DCP
0
Discharge Not Permitted
1
Discharge Permitted
CH, Bits[2:0]
Cell Selection for
ADC Conversion
Total Conversion Time in the 8 ADC Modes
CH
27 kHz
14 kHz
7 kHz
3 kHz
2 kHz
1 kHz
422 Hz
26 Hz
000
All cells
1.1 ms
1.3 ms
2.3 ms
3.0 ms
4.4 ms
7.2 ms
12.8 ms
201 ms
001
Cells 1, 7, 13
203 μs
232 μs
407 μs
523 μs
756 μs
1.2 ms
2.2 ms
34 ms
010
Cells 2, 8, 14
203 μs
232 μs
407 μs
523 μs
756 μs
1.2 ms
2.2 ms
34 ms
011
Cells 3, 9, 15
203 μs
232 μs
407 μs
523 μs
756 μs
1.2 ms
2.2 ms
34 ms
100
Cells 4, 10, 16 203 μs
232 μs
407 μs
523 μs
756 μs
1.2 ms
2.2 ms
34 ms
101
Cells 5, 11, 17
203 μs
232 μs
407 μs
523 μs
756 μs
1.2 ms
2.2 ms
34 ms
110
Cells 6, 12, 18 203 μs
232 μs
407 μs
523 μs
756 μs
1.2 ms
2.2 ms
34 ms
PUP
Pull-Up/Pull- Down
Current for Open
Wire Conversions
PUP
0
Pull-down current
1
Pull-up current
Self Test Conversion Result
ST, Bits[1:0]
Self Test Mode
Selection
ST
27 kHz
14 kHz
7 kHz
3 kHz
2 kHz
1 kHz
422 Hz
26 Hz
01
Self Test 1
0x9565
0x9553
0x9555
0x9555
0x9555
0x9555
0x9555
0x9555
10
Self test 2
0x6A9A
0x6AAC
0x6AAA
0x6AAA
0x6AAA
0x6AAA
0x6AAA
0x6AAA
CHG, Bits[2:0]
GPIO Selection for
ADC Conversion
Total Conversion Time in the 8 ADC Modes
CHG
27 kHz
14 kHz
7 kHz
3 kHz
2 kHz
1 kHz
422 Hz
26 Hz
000
GPIO1 to
GPIO5, 2nd
Reference,
GPIO6 to
GPIO9
1.8 ms
2.1 ms
3.9 ms
5.0ms
7.4 ms
12.0 ms
21.3 ms
335 ms
001
GPIO1 and
GPIO6
380 μs
439 μs
788 μs
1.0 ms
1.5 ms
2.4 ms
4.3 ms
67.1 ms
010
GPIO2 and
GPIO7
380 μs
439 μs
788 μs
1.0 ms
1.5 ms
2.4 ms
4.3 ms
67.1 ms
011
GPIO3 and
GPIO8
380 μs
439 μs
788 μs
1.0 ms
1.5 ms
2.4 ms
4.3 ms
67.1 ms
100
GPIO4 and
GPIO9
380 μs
439 μs
788 μs
1.0 ms
1.5 ms
2.4 ms
4.3 ms
67.1 ms
101
GPIO5
200 μs
229 μs
403 μs
520 μs
753 μs
1.2 ms
2.1 ms
34 ms
110
2nd Reference 200 μs
229 μs
403 μs
520 μs
753 μs
1.2 ms
2.1 ms
34 ms
CHST,
Bits[2:0]1
Status Group
Selection
Total Conversion Time in the 8 ADC Modes
CHST
27 kHz
14 kHz
7 kHz
3 kHz
2 kHz
1 kHz
422 Hz
26 Hz
000
SC, ITMP, VA,
VD
742 μs
858 μs
1.6 ms
2.0 ms
3.0 ms
4.8 ms
8.5 ms
134 ms



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com