Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADBMS1818ASWZ Datasheet(PDF) 8 Page - Analog Devices

Part # ADBMS1818ASWZ
Description  18-Cell Battery Monitor with Daisy Chain Interface
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADBMS1818ASWZ Datasheet(HTML) 8 Page - Analog Devices

Back Button ADBMS1818ASWZ Datasheet HTML 4Page - Analog Devices ADBMS1818ASWZ Datasheet HTML 5Page - Analog Devices ADBMS1818ASWZ Datasheet HTML 6Page - Analog Devices ADBMS1818ASWZ Datasheet HTML 7Page - Analog Devices ADBMS1818ASWZ Datasheet HTML 8Page - Analog Devices ADBMS1818ASWZ Datasheet HTML 9Page - Analog Devices ADBMS1818ASWZ Datasheet HTML 10Page - Analog Devices ADBMS1818ASWZ Datasheet HTML 11Page - Analog Devices ADBMS1818ASWZ Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 92 page
background image
Data Sheet
ADBMS1818
SPECIFICATIONS
analog.com
Rev. B | 8 of 92
SPI DC SPECIFICATIONS
Table 5.
Parameter
Test Conditions/Comments
Min
Typ
Max
Unit
SPI Pin Digital Input Voltage High (VIH(SPI))
CSB, SCK, and SDI pins, apply over the full specified
temperature range
2.3
V
SPI Pin Digital Input Voltage Low (VIL(SPI))
CSB, SCK, and SDI pins, apply over the full specified
temperature range
0.8
V
Configuration Pin Digital Input Voltage High
(VIH(CFG))
ISOMD, DTEN, and GPIO1 to GPIO9 pins, apply over the full
specified temperature range
2.7
V
Configuration Pin Digital Input Voltage Low
(VIL(CFG))
ISOMD, DTEN, and GPIO1 to GPIO9 pins, apply over the full
specified temperature range
1.2
V
Digital Input Current (ILEAK(DIG))
CSB, SCK, SDI, ISOMD, and DTEN pins, apply over the full
specified temperature range
±1
μA
Digital Output Low (VOL(SDO))
SDO pin sinking 1 mA, apply over the full specified temperature
range
0.3
V
ISOSPI DC SPECIFICATIONS
See Figure 78.
Table 6.
Parameter
Test Conditions/Comments
Min
Typ
Max
Unit
Voltage on IBIAS Pin (VBIAS)
Ready/active state, apply over the full specified temperature
range
1.9
2.0
2.1
V
Idle state
0
V
Isolated Interface Bias Current (IB)
RBIAS = 2 kΩ to 20 kΩ, apply over the full specified temperature
range
0.1
1.0
mA
Isolated Interface Current Gain (AIB)
Transmitter pulse amplitude (VA) = ≤ 1.6 V, IB = 1 mA, apply
over the full specified temperature range
18
20
22
mA/mA
IB = 0.1 mA, apply over the full specified temperature range
18
20
24.5
mA/mA
Transmitter Pulse Amplitude (VA)
VA = IPx voltage (VIPx) – IMx voltage (VIMx), apply over the full
specified temperature range
1.6
V
Threshold-Setting Voltage on ICMP Pin (VICMP)
Receiver comparator threshold voltage (VTCMP) = receiver
comparator threshold voltage gain (ATCMP) × VICMP, apply over
the full specified temperature range
0.2
1.5
V
Input Leakage Current on ICMP Pin (ILEAK (ICMP))
VICMP = 0 V to VREG, apply over the full specified temperature
range
±1
µA
Leakage Current on IPx and IMx Pins (ILEAK (IPx/
IMx))
Idle state, VIPx or VIMx, 0 V to VREG, apply over the full specified
temperature range
±1
µA
Receiver Comparator Threshold Voltage Gain
(ATCMP)
Receiver common-mode bias (VCM) = VREG/2 to VREG – 0.2 V,
VICMP = 0.2 V to 1.5 V, apply over the full specified temperature
range
0.4
0.5
0.6
V/V
Receiver Common-Mode Bias (VCM)
IPx and IMx not driving
(VREG – VICMP/3 – 167 mV)
V
Receiver Input Resistance (RIN)
Single-ended to the IPA, IMA, IPB, and IMB pins, apply over
the full specified temperature range
26
35
45
kΩ



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com