Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADBMS1818ASWZ Datasheet(PDF) 71 Page - Analog Devices

Part # ADBMS1818ASWZ
Description  18-Cell Battery Monitor with Daisy Chain Interface
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADBMS1818ASWZ Datasheet(HTML) 71 Page - Analog Devices

Back Button ADBMS1818ASWZ Datasheet HTML 67Page - Analog Devices ADBMS1818ASWZ Datasheet HTML 68Page - Analog Devices ADBMS1818ASWZ Datasheet HTML 69Page - Analog Devices ADBMS1818ASWZ Datasheet HTML 70Page - Analog Devices ADBMS1818ASWZ Datasheet HTML 71Page - Analog Devices ADBMS1818ASWZ Datasheet HTML 72Page - Analog Devices ADBMS1818ASWZ Datasheet HTML 73Page - Analog Devices ADBMS1818ASWZ Datasheet HTML 74Page - Analog Devices ADBMS1818ASWZ Datasheet HTML 75Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 71 / 92 page
background image
Data Sheet
ADBMS1818
APPLICATIONS INFORMATION
analog.com
Rev. B | 71 of 92
PROVIDING DC POWER
Simple Linear Regulator
The primary supply pin for the ADBMS1818 is the 5 V (±0.5 V)
VREG input pin. To generate the required 5 V supply for VREG,
the DRIVE pin can be used to form a discrete regulator with the
addition of a few external components, as shown in Figure 93. The
DRIVE pin provides a 5.7 V output, capable of sourcing 1 mA.
When buffered with an NPN transistor, the DRIVE pin provides a
stable 5 V over temperature. The NPN transistor must be chosen
to have a sufficient Beta over temperature (> 40) to supply the
necessary supply current. The peak VREG current requirement of
the ADBMS1818 approaches 35 mA when simultaneously commu-
nicating over isoSPI and making ADC conversions. If the VREG pin
is required to support any additional load, a transistor with an even
higher Beta may be required.
Figure 93. Simple VREG Power Source Using NPN Pass Transistor
The NPN collector can be powered from any voltage source that
is a minimum 6 V above V–. This includes the cells that are being
monitored, or an unregulated power supply. A 100 Ω, 100 nF
RC decoupling network is recommended for the collector power
connection to protect the NPN from transients. The emitter of the
NPN must be bypassed with a 1 µF capacitor. Larger capacitance
must be avoided because this increases the wake-up time of the
ADBMS1818. Some attention must be given to the thermal charac-
teristic of the NPN, as there can be significant heating with a high
collector voltage.
Improved Regulator Power Efficiency
For improved efficiency when powering the ADBMS1818 from the
cell stack, VREG can be powered from a dc-to-dc converter, rather
than the NPN pass transistor. An ideal circuit is based on the
LT8631 step-down regulator, as shown in Figure 94. A 100 Ω
resistor is recommended between the battery stack and the LT8631
input, which prevents in-rush current when connecting to the stack
and reduces conducted electromagnetic interference (EMI). The
EN/UV pin must be connected to the DRIVE pin, which puts the
LT8631 into a low power state when the ADBMS1818 is in the sleep
state.
Figure 94. VREG Powered From Cell Stack with High Efficiency Regulator
INTERNAL PROTECTION AND FILTERING
Internal Protection Features
The ADBMS1818 incorporates various ESD safeguards to ensure
robust performance. An equivalent circuit showing the specific
protection structures is shown in Figure 95. Zener- like suppressors
are shown with their nominal clamp voltage, and the unmarked
diodes exhibit standard PN junction behavior.
Filtering of Cell and GPIO Inputs
The ADBMS1818 uses a Δ-Σ ADC, which includes a Δ-Σ modulator
followed by a sinc3 finite impulse response (FIR) digital filter,
which greatly relaxes input filtering requirements. Furthermore, the
programmable oversampling ratio allows the user to determine
the best trade-off between measurement speed and filter cutoff fre-
quency. Even with this high order low-pass filter, fast transient noise
can still induce some residual noise in measurements, especially
in the faster conversion modes. This noise can be minimized by
adding an RC, low-pass decoupling to each ADC input, which also
helps reject potentially damaging high energy transients. Adding
more than about 100 Ω to the ADC inputs begins to introduce a
systematic error in the measurement, which can be improved by
raising the filter capacitance or mathematically compensating in
software with a calibration procedure. For situations that demand
the highest level of battery voltage ripple rejection, grounded ca-
pacitor filtering is recommended. This configuration has a series
resistance and capacitors that decouple high frequency noise to
V–. In systems where noise is less periodic or higher oversampling
rates are in use, a differential capacitor filter structure is adequate.
In this configuration there are series resistors to each input, but
the capacitors connect between the adjacent C pins. However,
the differential capacitor sections interact. As a result, the filter
response is less consistent and results in less attenuation than
predicted by the RC, by approximately a decade. Note that the
capacitors only see one cell of applied voltage (thus smaller and
lower cost) and tend to distribute transient energy uniformly across
the IC (reducing stress events on the internal protection structure).
Figure 96 shows the two methods schematically. ADC accuracy



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com