Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS3953A Datasheet(PDF) 7 Page - ams-OSRAM AG

Part # AS3953A
Description  14443 High Speed Passive Tag Interface
PDF  71 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSOSRAM [ams-OSRAM AG]
Direct Link  https://ams-osram.com/
Logo AMSOSRAM - ams-OSRAM AG

AS3953A Datasheet(HTML) 7 Page - ams-OSRAM AG

Back Button AS3953A_V01 Datasheet HTML 3Page - ams-OSRAM AG AS3953A_V01 Datasheet HTML 4Page - ams-OSRAM AG AS3953A_V01 Datasheet HTML 5Page - ams-OSRAM AG AS3953A_V01 Datasheet HTML 6Page - ams-OSRAM AG AS3953A_V01 Datasheet HTML 7Page - ams-OSRAM AG AS3953A_V01 Datasheet HTML 8Page - ams-OSRAM AG AS3953A_V01 Datasheet HTML 9Page - ams-OSRAM AG AS3953A_V01 Datasheet HTML 10Page - ams-OSRAM AG AS3953A_V01 Datasheet HTML 11Page - ams-OSRAM AG Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 71 page
background image
Page 6
ams Datasheet
Document Feedback
[v1-05] 2019-Feb-15
AS3953A − Absolute Maximum R atings
Stresses beyond those listed in Absolute Maximum Ratings may
cause permanent damage to the device. These are stress ratings
only, and functional operation of the device at these or any
other conditions beyond those indicated in Electrical
Characteristics is not implied. Exposure to absolute maximum
rating conditions for extended periods may affect device
reliability.
Figure 5:
Absolute Maximum Ratings
Symbol
Parameter
Min
Max
Units
Comments
Electrical Parameters
VDD
DC supply voltage
-0.5
5
V
VIN
Input pin voltage except
LC1 and LC2
-0.5
5
V
Input pin voltage pins LC1
and LC2
-0.5
6.5
V
Peak current induced on
pins LC1 and LC2
100
mA
Iscr
Input current
(latchup immunity)
-100
100
mA
Jedec 78
Electrostatic Discharge
ESD
Electrostatic discharge
±2
kV
MIL 883 E method 3015
(Human Body Model)
Temperature Ranges and Storage Conditions
Tstrg
Storage temperature
-55
125
ºC
Tbody
Package body temperature
260
ºC
IPC/JEDEC J-STD-020
The reflow peak soldering
temperature (body temperature)
is specified according IPC/JEDEC
J-STD-020 “Moisture/Reflow
Sensitivity Classification for
Non-hermetic Solid State Surface
Mount Devices”.
The lead finish for Pb-free leaded
packages is “Matte Tin” (100% Sn)
RHNC
Relative humidity
(non-condensing)
585
%
Absolute Maximum Ratings



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com