Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS3953A Datasheet(PDF) 16 Page - ams-OSRAM AG

Part # AS3953A
Description  14443 High Speed Passive Tag Interface
PDF  71 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSOSRAM [ams-OSRAM AG]
Direct Link  https://ams-osram.com/
Logo AMSOSRAM - ams-OSRAM AG

AS3953A Datasheet(HTML) 16 Page - ams-OSRAM AG

Back Button AS3953A_V01 Datasheet HTML 12Page - ams-OSRAM AG AS3953A_V01 Datasheet HTML 13Page - ams-OSRAM AG AS3953A_V01 Datasheet HTML 14Page - ams-OSRAM AG AS3953A_V01 Datasheet HTML 15Page - ams-OSRAM AG AS3953A_V01 Datasheet HTML 16Page - ams-OSRAM AG AS3953A_V01 Datasheet HTML 17Page - ams-OSRAM AG AS3953A_V01 Datasheet HTML 18Page - ams-OSRAM AG AS3953A_V01 Datasheet HTML 19Page - ams-OSRAM AG AS3953A_V01 Datasheet HTML 20Page - ams-OSRAM AG Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 71 page
background image
ams Datasheet
Page 15
[v1-05] 2019-Feb-15
Document Feedback
AS3953A − Detailed Description
ISO 14443A Framing Mode
When Framing mode is selected the PICC logic performs receive
and transmit framing according to the selected ISO 14443A bit
rate.
During reception it recognizes the SOF, EOF and data bits,
performs parity and CRC check, organizes the received data in
bytes and places them in the FIFO.
During transmit, it operates inversely, it takes bytes from FIFO,
generates parity and CRC bits, adds SOF and EOF and performs
data encoding.
Default bit rate in the Framing mode is fc/128 (~106 kbit/s).
Higher data rates may be configured by controller by writing
the Bit Rate Definition Register.
In order to respect the PCD-to-PICC frame delay according to
ISO14443-3 at data rate fc/128 bit the PICC logic synchronizes
the response to the beginning of the next response window,
but not earlier than window with n=9.
In this mode the EEPROM can be accessed via SPI when the RF
field is active.
ISO 14443A Level-4 Protocol Mode
When Level-4 Protocol mode is selected the PICC Logic
autonomously execute complete ISO 14443A Level-3
communication and certain commands of Level-4. This also
includes the anti-collision sequence during which the AS3953A
UID number is read by the PCD (7 bytes UID is supported), the
AS3953A is brought in the selected state (ISO14443-4) in which
data exchange between the AS3953A and the PCD can start. On
this level also a reading and writing of the AS3953A EEPROM is
possible.
In case the configuration bit irq_l4 is set an interrupt is
automatically sent to controller once the PICC Logic enters in
ACTIVE(*) state (after sending SAK on Cascade Level 2).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com