Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS3953A Datasheet(PDF) 17 Page - ams-OSRAM AG

Part # AS3953A
Description  14443 High Speed Passive Tag Interface
PDF  71 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSOSRAM [ams-OSRAM AG]
Direct Link  https://ams-osram.com/
Logo AMSOSRAM - ams-OSRAM AG

AS3953A Datasheet(HTML) 17 Page - ams-OSRAM AG

Back Button AS3953A_V01 Datasheet HTML 13Page - ams-OSRAM AG AS3953A_V01 Datasheet HTML 14Page - ams-OSRAM AG AS3953A_V01 Datasheet HTML 15Page - ams-OSRAM AG AS3953A_V01 Datasheet HTML 16Page - ams-OSRAM AG AS3953A_V01 Datasheet HTML 17Page - ams-OSRAM AG AS3953A_V01 Datasheet HTML 18Page - ams-OSRAM AG AS3953A_V01 Datasheet HTML 19Page - ams-OSRAM AG AS3953A_V01 Datasheet HTML 20Page - ams-OSRAM AG AS3953A_V01 Datasheet HTML 21Page - ams-OSRAM AG Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 71 page
background image
Page 16
ams Datasheet
Document Feedback
[v1-05] 2019-Feb-15
AS3953A − Detailed Description
Support of ISO 14443A Level-4
ISO 14443A-4 commands RATS, PPS and DESELECT are
implemented in the PICC Logic. RATS and PPS define
communication parameters, which are going to be used in the
following data exchange by using the block transmission
protocol. The advantage of implementing PPS that defines the
bit rate used for communication, is that all bit rate issues are
handled by the PICC Logic. The MCU gets the information about
the actual receive and transmit bit rate by reading a dedicated
display register. It has to be fast enough to serve receive and
transmit at the maximum bit rate.
Execution of the block transmission protocol is left to the
controller. In case of receiving the block data from the PCD the
PICC Logic provides support by detecting and removing start
bit, stop bit, parity bits and CRC. Parity bits and CRC are also
checked. When the block data is sent to the PCD the PICC Logic
calculates and inserts start bit, parity bits, CRC and stop bit.
DESELECT puts the PICC Logic in HALT state. An interrupt is sent
to controller upon reception of DESELECT command to inform
it that PCD stopped the Level-4 communication.
Additionally to supporting the ISO14443-4 transmitting
protocol the PICC Logic accepts also proprietary commands.
Proprietary commands are identified by setting the two MSB
bits of first transmitted byte to ‘01’ (This combination is not
used by ISO 14443A Level-4 protocol).
The following custom commands are implemented:
• Wake-up: Sends a wake-up interrupt to controller
• Read EEPROM: Reads data from EEPROM
• Write EEPROM: Writes data to EEPROM
Support of ISO 14443A Optional Features
• CID is supported
• NAD is not supported
• Historical bytes are not supported
• Power level indication is not supported



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com