Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS3953A Datasheet(PDF) 12 Page - ams-OSRAM AG

Part # AS3953A
Description  14443 High Speed Passive Tag Interface
PDF  71 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSOSRAM [ams-OSRAM AG]
Direct Link  https://ams-osram.com/
Logo AMSOSRAM - ams-OSRAM AG

AS3953A Datasheet(HTML) 12 Page - ams-OSRAM AG

Back Button AS3953A_V01 Datasheet HTML 8Page - ams-OSRAM AG AS3953A_V01 Datasheet HTML 9Page - ams-OSRAM AG AS3953A_V01 Datasheet HTML 10Page - ams-OSRAM AG AS3953A_V01 Datasheet HTML 11Page - ams-OSRAM AG AS3953A_V01 Datasheet HTML 12Page - ams-OSRAM AG AS3953A_V01 Datasheet HTML 13Page - ams-OSRAM AG AS3953A_V01 Datasheet HTML 14Page - ams-OSRAM AG AS3953A_V01 Datasheet HTML 15Page - ams-OSRAM AG AS3953A_V01 Datasheet HTML 16Page - ams-OSRAM AG Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 71 page
background image
ams Datasheet
Page 11
[v1-05] 2019-Feb-15
Document Feedback
AS3953A − Detailed Description
Figure 10:
System Block Diagram
Circuit
The AS3953A is composed of ISO 14443A PICC Analog
Front-end (PICC AFE), the ISO 14443A PICC Logic (PICC Logic),
EEPROM, SPI Interface, Level Shifters and Power Supply
Manager Block (Power Manager).
The PICC AFE is connected to an external tag coil, which forms
together with integrated resonant capacitor an LC tank with a
resonance at the external electromagnetic field frequency of
13.56 MHz. The PICC AFE has a built in rectifier and regulators.
Output of internal regulator is called VP_INT. It is used to supply
the PICC AFE and usually also the LOGIC and EEPROM (through
Power Supply Manager). Output of external regulator VP_REG
is available on a pin to supply some external circuitry.
Power Manager is controlling power supply of Logic and
EEPROM. The two blocks can be supplied either from VP_INT or
from VP_SPI (SPI power supply). In order to save current on VP_
SPI, VP_INT is used as power supply whenever it is available.
VP_SPI is only used when some activity is started over the SPI
and the VP_INT is too low to be used as a power supply.
The PICC Logic is responsible for PICC-to-PCD communication
up to the Level-4 (block transmission) of ISO 14443A. This
means that anti-collision and other low-level functionality are
implemented there.
The SPI Interface logic contains a 32 byte FIFO for block
transmission data which is exchanged on Level-4 of ISO 14443A
communication. It also contains some control and display
registers.
The EEPROM is used to store the UID, the housekeeping data
(configuration and control bits) and user data. It can be
accessed from both sides (RFID and SPI).
Detailed Description
ISO 14443A
Reader
AS3953A
Microcontroller
SPI



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com