Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADRF5010 Datasheet(PDF) 4 Page - Analog Devices

Part # ADRF5010
Description  Silicon SPST Switch, Nonreflective, 100 MHz to 55 GHz
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADRF5010 Datasheet(HTML) 4 Page - Analog Devices

  ADRF5010 Datasheet HTML 1Page - Analog Devices ADRF5010 Datasheet HTML 2Page - Analog Devices ADRF5010 Datasheet HTML 3Page - Analog Devices ADRF5010 Datasheet HTML 4Page - Analog Devices ADRF5010 Datasheet HTML 5Page - Analog Devices ADRF5010 Datasheet HTML 6Page - Analog Devices ADRF5010 Datasheet HTML 7Page - Analog Devices ADRF5010 Datasheet HTML 8Page - Analog Devices ADRF5010 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
Data Sheet
ADRF5010
SPECIFICATIONS
analog.com
Rev. 0 | 4 of 12
Table 1. Electrical Specifications (Continued)
Parameter
Symbol
Test Conditions/Comments
Min
Typ
Max
Unit
CW
30
dBm
Case Temperature
TCASE
−40
+85
°C
1 For input linearity performance over frequency, see Figure 12 to Figure 15.
2 For power derating over frequency, see Figure 2.
3 Peak: ( ≤100 ns pulse duration, 5% duty cycle).
4 Pulse: (>100 ns pulse duration, 15% duty cycle).
SINGLE-SUPPLY OPERATION
VDD = 3.3 V, VSS = 0, VCTRL = 0 V or VDD, TCASE = 25°C for 50 Ω system, unless otherwise noted. RFx refers to RF1 or RF2
Table 2. Single-Supply Operation Specifications
Parameter
Symbol
Test Conditions/Comments
Min
Typ
Max
Unit
FREQUENCY RANGE
f
0.1
55
GHz
SWITCHING CHARACTERISTICS
Rise Time and Fall Time
tRISE, tFALL
10% to 90% of RF output
50
ns
On Time and Off Time
tON, tOFF
50% VCTRL to 90% of RF output
85
ns
Settling Time (0.1 dB)
50% VCTRL to 0.1 dB of final RF output
120
ns
INPUT LINEARITY
f = 0.1 GHz to 55 GHz
Input Compression
P0.1dB
18
dBm
Third-Order Intercept
IP3
Two-tone input power = 6 dBm each tone, f = 0.1
GHz to 55 GHz, Δf = 1 MHz
53
dBm
RECOMMENDED OPERATING CONDITONS
RF Input Power
PIN
f = 0.1 GHz to 55 GHz, TCASE = 85°C
Through Path
RF signal is applied to RFx at Insertion Loss state
18
dBm
Terminated Path
RF signal is applied to RFx at Isolation state
18
dBm
Hot Switching
RF signal is applied to RFx while switching in be-
tween Insertion Loss and Isolation states
18
dBm



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com