Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADRF5010 Datasheet(PDF) 1 Page - Analog Devices

Part # ADRF5010
Description  Silicon SPST Switch, Nonreflective, 100 MHz to 55 GHz
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADRF5010 Datasheet(HTML) 1 Page - Analog Devices

  ADRF5010 Datasheet HTML 1Page - Analog Devices ADRF5010 Datasheet HTML 2Page - Analog Devices ADRF5010 Datasheet HTML 3Page - Analog Devices ADRF5010 Datasheet HTML 4Page - Analog Devices ADRF5010 Datasheet HTML 5Page - Analog Devices ADRF5010 Datasheet HTML 6Page - Analog Devices ADRF5010 Datasheet HTML 7Page - Analog Devices ADRF5010 Datasheet HTML 8Page - Analog Devices ADRF5010 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
Data Sheet
ADRF5010
Silicon SPST Switch, Nonreflective, 100 MHz to 55 GHz
Rev. 0
DOCUMENT FEEDBACK
TECHNICAL SUPPORT
Information furnished by Analog Devices is believed to be accurate and reliable "as is". However, no responsibility is assumed by Analog
Devices for its use, nor for any infringements of patents or other rights of third parties that may result from its use. Specifications subject to
change without notice. No license is granted by implication or otherwise under any patent or patent rights of Analog Devices. Trademarks and
registered trademarks are the property of their respective owners.
FEATURES
►
Ultra-wideband frequency range: 0.1 GHz to 55 GHz
►
Nonreflective ports, high-power terminated path
►
Symmetrical ports
►
Low insertion loss
►
1.0 dB typical to 20 GHz
►
1.5 dB typical to 40 GHz
►
2.0 dB typical to 55 GHz
►
Isolation
►
30 dB typical to 50 GHz
►
28 dB typical to 55 GHz
►
High input linearity
►
P0.1dB: >33 dBm typical
►
Input IP3 >60 dBm typical
►
High power handling TCASE= 85 °C
►
Through path
►
Peak: 36 dBm
►
Pulse: 33 dBm
►
CW: 30 dBm
►
Terminated path
►
Peak: 33 dBm
►
Pulse 33 dBm
►
CW: 30 dBm
►
Hot switching
►
Peak: 33 dBm
►
Pulse: 33 dBm
►
CW: 30 dBm
►
Complementary metal-oxide semiconductor (CMOS)-/low voltage
transistor-transistor logic (LVTTL)-compatible controls
►
Radio frequency (RF) switching time: 30 ns
►
RF settling time (0.1 dB final RF output): 50 ns
►
Dual-supply operation: ±3.3 V
►
14-lead, 2.25 mm x 2.25 mm, LGA package
APPLICATIONS
►
Test and instrumentation
►
Cellular infrastructure: 5G mmWave
►
Military radios, radars, electronic countermeasures
►
Microwave radios and very small aperture terminals
►
Industrial scanners
FUNCTIONAL BLOCK DIAGRAM
Figure 1. Functional Block Diagram
GENERAL DESCRIPTION
The ADRF5010 is a nonreflective, single-pole single-throw (SPST)
switch manufactured in the silicon process.
The ADRF5010 operates from 0.1 GHz to 55 GHz with insertion
loss of lower than 2 dB and isolation of higher than 28 dB. The
device has an RF input power handling capability of 30 dBm for
through path and 30 dBm for hot switching.
The ADRF5010 requires dual-supply voltages of ±3.3 V. The device
employs CMOS- and LVTTL-compatible controls.
The ADRF5010 can also operate with a single positive supply volt-
age (VDD) applied while the negative supply voltage (VSS) is tied to
ground. In this operating condition, the small signal performance is
maintained while the switching characteristics, linearity, and power
handling performance is derated. See Table 2 for more details.
The ADRF5010 comes in a 14-lead, 2.25 mm x 2.25 mm, land grid
array (LGA) package and can operate from -40°C to +105°C.


Similar Part No. - ADRF5010

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADRF5019 AD-ADRF5019 Datasheet
338Kb / 12P
Silicon, SPDT Switch, Nonreflective, 100 MHz to 13 GHz
8/2019-Revision 0
ADRF5019-EVALZ AD-ADRF5019-EVALZ Datasheet
338Kb / 12P
Silicon, SPDT Switch, Nonreflective, 100 MHz to 13 GHz
8/2019-Revision 0
ADRF5019BCPZN AD-ADRF5019BCPZN Datasheet
338Kb / 12P
Silicon, SPDT Switch, Nonreflective, 100 MHz to 13 GHz
8/2019-Revision 0
ADRF5019BCPZN-R7 AD-ADRF5019BCPZN-R7 Datasheet
338Kb / 12P
Silicon, SPDT Switch, Nonreflective, 100 MHz to 13 GHz
8/2019-Revision 0
More results

Similar Description - ADRF5010

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADRF5026 AD-ADRF5026 Datasheet
442Kb / 13P
Silicon SPDT Switch, Nonreflective,100 MHz to 44 GHz
9/2020-Rev. 0 to Rev. A
ADRF5042 AD-ADRF5042 Datasheet
562Kb / 12P
Nonreflective, 100 MHz to 44 GHz Silicon SP4T Switch
7/2020-Revision 0
ADRF5019 AD-ADRF5019 Datasheet
338Kb / 12P
Silicon, SPDT Switch, Nonreflective, 100 MHz to 13 GHz
8/2019-Revision 0
HMC241ALP3E AD-HMC241ALP3E Datasheet
223Kb / 11P
GaAs, Nonreflective, SP4T Switch 100 MHz to 4 GHz
8/2018-Rev. B to Rev. C
HMC349ALP4CE AD-HMC349ALP4CE Datasheet
391Kb / 12P
High Isolation, Nonreflective, GaAs, SPDT Switch, 100 MHz to 4 GHz
1/2019-v02.0315 to Rev. B
HMC349AMS8G AD-HMC349AMS8G Datasheet
750Kb / 10P
High Isolation, Nonreflective, GaAs, SPDT Switch,100 MHz to 4 GHz
10/2019-Rev. E to Rev. F
ADRF5050 AD-ADRF5050 Datasheet
1Mb / 14P
Nonreflective, Silicon SP4T Switch, 100 MHz to 20 GHz
Rev. 0
HMC232A AD-HMC232A Datasheet
1Mb / 12P
GaAs, SPDT Switch, Nonreflective,100 MHz to 12 GHz
Rev. B
ADRF5022 AD-ADRF5022 Datasheet
711Kb / 12P
Silicon SPDT Switch, Nonreflective, 100 MHz to 45 GHz
Rev. 0
ADRF5048 AD-ADRF5048 Datasheet
1Mb / 13P
Silicon SP4T Switch, Nonreflective, 100 MHz to 45 GHz
Rev. A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com