Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADRF5010 Datasheet(PDF) 3 Page - Analog Devices

Part # ADRF5010
Description  Silicon SPST Switch, Nonreflective, 100 MHz to 55 GHz
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADRF5010 Datasheet(HTML) 3 Page - Analog Devices

  ADRF5010 Datasheet HTML 1Page - Analog Devices ADRF5010 Datasheet HTML 2Page - Analog Devices ADRF5010 Datasheet HTML 3Page - Analog Devices ADRF5010 Datasheet HTML 4Page - Analog Devices ADRF5010 Datasheet HTML 5Page - Analog Devices ADRF5010 Datasheet HTML 6Page - Analog Devices ADRF5010 Datasheet HTML 7Page - Analog Devices ADRF5010 Datasheet HTML 8Page - Analog Devices ADRF5010 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
Data Sheet
ADRF5010
SPECIFICATIONS
analog.com
Rev. 0 | 3 of 12
VDD = 3.3 V, VSS = −3.3 V, VCTRL = 0 V or VDD, TCASE = 25°C, 50 Ω system, unless otherwise noted. RFx refers to RF1 or RF2.
Table 1. Electrical Specifications
Parameter
Symbol
Test Conditions/Comments
Min
Typ
Max
Unit
FREQUENCY RANGE
f
0.1
55
GHz
INSERTION LOSS
Between RFx and RFx (On)
0.1 GHz to 20 GHz
1.0
dB
20 GHz to 40 GHz
1.5
dB
40 GHz to 55 GHz
2.0
dB
ISOLATION
Between RFx and RFx
0.1 GHz to 20 GHz
31
dB
20 GHz to 40 GHz
30
dB
40 GHz to 55 GHz
28
dB
RETURN LOSS
RFx (Through path)
0.1 GHz to 20 GHz
20
dB
20 GHz to 40 GHz
19
dB
40 GHz to 55 GHz
21
dB
RFx (Terminated)
0.1 GHz to 55 GHz
22
dB
SWITCHING
Rise Time and Fall Time
tRISE,tFALL
10% to 90% of RF output
27
ns
On Time and Off Time
tON, tOFF
50% VCTL to 90% of RF output
30
ns
RF Settling Time (0.1dB)
50% VCTL to 0.1 dB of final RF output
50
ns
INPUT LINEARITY1
f = 0.1 GHz to 55 GHz
Input Compression
P0.1dB
33
dBm
Third-Order Intercept
IP3
Two-tone input power = 14 dBm each tone, Δf = 1
MHz
62
dBm
SUPPLY CURRENT
VDD and VSS pins
Positive Supply Current
IDD
140
µA
Negative Supply Current
ISS
500
µA
DIGITAL CONTROL INPUTS
CTRL
Voltage
Low
VINL
0
0.8
V
High
VINH
1.2
3.3
V
Current
Low
IINL,
<1
µA
High
IINH
<1
µA
RECOMMENDED OPERATING CONDITONS
Supply Voltage
Positive Supply Voltage
VDD
3.15
3.45
V
Negative Supply Voltage
VSS
−3.45
−3.15
V
Digital Control Inputs Voltage
VCTRL
0
VDD
V
RF INPUT POWER2
PIN
f = 0.1 GHz to 55 GHz, TCASE = 85°C
Peak3
36
dBm
Through Path
Pulse4
RF signal is applied to RFx at Insertion Loss state
33
dBm
CW
30
dBm
Peak
33
dBm
Terminated Path
Pulse
RF signal is applied to RFx at Isolation state
33
dBm
CW
30
dBm
Peak
33
dBm
Hot Switching
Pulse
RF signal is applied to RFx while switching in
between Insertion Loss and Isolation states
33
dBm



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com